Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28W160ECT100N6U Datasheet (PDF) - STMicroelectronics

M28W160ECT100N6U Datasheet PDF - STMicroelectronics
Part # M28W160ECT100N6U
Download  M28W160ECT100N6U Download
File Size   860.56 Kbytes
Page   50 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 16 Mbit (1Mb x16, Boot Block) 3V Supply Flash Memory

M28W160ECT100N6U Datasheet (PDF)

Go To PDF Page Download Datasheet
M28W160ECT100N6U Datasheet PDF - STMicroelectronics

Part # M28W160ECT100N6U
Download  M28W160ECT100N6U Click to download

File Size   860.56 Kbytes
Page   50 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 16 Mbit (1Mb x16, Boot Block) 3V Supply Flash Memory

M28W160ECT100N6U Datasheet (HTML) - STMicroelectronics


M28W160ECT100N6U Product details

SUMMARY DESCRIPTION

The M28W160EC is a 16 Mbit (1 Mbit x 16) nonvolatile Flash memory that can be erased electrically at the block level and programmed in-system on a Word-by-Word basis. These operations can be performed using a single low voltage (2.7 to 3.6V) supply. VDDQ allows to drive the I/O pin down to 1.65V. An optional 12V VPP power supply is provided to speed up customer programming.



FEATURES SUMMARY

■ SUPPLY VOLTAGE

   – VDD = 2.7V to 3.6V Core Power Supply

   – VDDQ= 1.65V to 3.6V for Input/Output

   – VPP = 12V for fast Program (optional)

■ ACCESS TIME: 70, 85, 90,100ns

■ PROGRAMMING TIME:

   – 10µs typical

   – Double Word Programming Option

■ COMMON FLASH INTERFACE

   – 64 bit Security Code

■ MEMORY BLOCKS

   – Parameter Blocks (Top or Bottom location)

   – Main Blocks

■ BLOCK LOCKING

   – All blocks locked at Power Up

   – Any combination of blocks can be locked

   – WP for Block Lock-Down

■ SECURITY

   – 64 bit user Programmable OTP cells

   – 64 bit unique device identifier

   – One Parameter Block Permanently Lockable

■ AUTOMATIC STAND-BY MODE

■ PROGRAM and ERASE SUSPEND

■ 100,000 PROGRAM/ERASE CYCLES per BLOCK

■ ELECTRONIC SIGNATURE

   – Manufacturer Code: 20h

   – Top Device Code, M28W160ECT: 88CEh

   – Bottom Device Code, M28W160ECB: 88CFh

■ PACKAGES

   – Compliant with Lead-Free Soldering Processes

   – Lead-Free Versions



 




Similar Part No. - M28W160ECT100N6U

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M28W160ECT100N6U NUMONYX-M28W160ECT100N6U Datasheet
1Mb / 50P
16 Mbit (1Mb x16, Boot Block) 3V Supply Flash Memory
More results


Similar Description - M28W160ECT100N6U

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M28W160BT STMICROELECTRONICS-M28W160BT Datasheet
337Kb / 45P
16 Mbit (1Mb x16, Boot Block) 3V Supply Flash Memory
16-May-2002
M28W160CT STMICROELECTRONICS-M28W160CT Datasheet
1,022Kb / 50P
16 Mbit (1Mb x16, Boot Block) 3V Supply Flash Memory
20-Jan-2006
M29W160ET STMICROELECTRONICS-M29W160ET Datasheet
665Kb / 40P
16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
M29W160DB STMICROELECTRONICS-M29W160DB Datasheet
256Kb / 42P
16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
24-Jun-2002
M29W160DT STMICROELECTRONICS-M29W160DT Datasheet
386Kb / 29P
16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
Jan-2001
logo
Numonyx B.V
M28W160CT NUMONYX-M28W160CT Datasheet
1Mb / 50P
16 Mbit (1Mb x16, Boot Block) 3V Supply Flash Memory
M28W160ECT NUMONYX-M28W160ECT Datasheet
1Mb / 50P
16 Mbit (1Mb x16, Boot Block) 3V Supply Flash Memory
M29W160ET NUMONYX-M29W160ET Datasheet
1Mb / 40P
16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M29W800DT70N1 STMICROELECTRONICS-M29W800DT70N1 Datasheet
651Kb / 41P
8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 3V Supply Flash Memory
23-Apr-2004
logo
Numonyx B.V
M29W160ET70N3E NUMONYX-M29W160ET70N3E Datasheet
813Kb / 42P
16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com