Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SML4728 Datasheet (PDF) - Vishay Siliconix

SML4728 Datasheet PDF - Vishay Siliconix
Part # SML4728
Download  SML4728 Download
File Size   135.36 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Surface Mount Zener Diodes

SML4728 Datasheet (PDF)

Go To PDF Page Download Datasheet
SML4728 Datasheet PDF - Vishay Siliconix

Part # SML4728
Download  SML4728 Click to download

File Size   135.36 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Surface Mount Zener Diodes

SML4728 Datasheet (HTML) - Vishay Siliconix


SML4728 Product details

FEATURES
• Plastic package has underwriters laboratory flammability classification 94 V-0
• For surface mounted applications
• Low Zener impedance
• Low regulation factor
• High temperature soldering guaranteed: 260 °C/10 s at terminals
• Standard voltage tolerance is ± 10 %, suffix A ± 5 %
• AEC-Q101 qualified
• Material categorization: for definitions of compliance please see www.vishay.com/doc?99912




Similar Part No. - SML4728

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SML4728 EIC-SML4728 Datasheet
34Kb / 2P
SURFACE MOUNT SILICON ZENER DIODES
logo
Vishay Siliconix
SML4728 VISHAY-SML4728 Datasheet
90Kb / 6P
Surface Mount Zener Diodes
21-Oct-08
logo
EIC discrete Semiconduc...
SML4728 EIC-SML4728 Datasheet
99Kb / 2P
SURFACE MOUNT SILICON ZENER DIODES
logo
Vishay Siliconix
SML4728 VISHAY-SML4728 Datasheet
87Kb / 5P
Surface Mount Zener Diodes
29-Nov-11
SML4728 VISHAY-SML4728 Datasheet
103Kb / 6P
Surface Mount Zener Diodes
23-Aug-12
More results


Similar Description - SML4728

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
Surface Mount Zener Diodes
logo
Pan Jit International I...
AZ23C5V6P PANJIT-AZ23C5V6P Datasheet
262Kb / 3P
SURFACE MOUNT ZENER DIODES
ZMM55-C2V4 PANJIT-ZMM55-C2V4_09 Datasheet
99Kb / 4P
SURFACE MOUNT ZENER DIODES
ZMM5221B PANJIT-ZMM5221B_09 Datasheet
102Kb / 4P
SURFACE MOUNT ZENER DIODES
logo
Weitron Technology
MM9D2V4 WEITRON-MM9D2V4 Datasheet
499Kb / 3P
Surface Mount Zener Diodes
SMB5921B WEITRON-SMB5921B Datasheet
81Kb / 2P
Surface Mount Zener Diodes
logo
Guangdong Juxing Electr...
SMZJ3788B JUXING-SMZJ3788B Datasheet
595Kb / 2P
Surface Mount Zener Diodes
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com