Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1200-3 Datasheet (PDF) - Artesyn Technologies

DS1200-3 Datasheet PDF - Artesyn Technologies
Part # DS1200-3
Download  DS1200-3 Download
File Size   211.31 Kbytes
Page   9 Pages
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies
Description Embedded Power for Business-Critical Continuity

DS1200-3 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1200-3 Datasheet PDF - Artesyn Technologies

Part # DS1200-3
Download  DS1200-3 Click to download

File Size   211.31 Kbytes
Page   9 Pages
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies
Description Embedded Power for Business-Critical Continuity

DS1200-3 Datasheet (HTML) - Artesyn Technologies


DS1200-3 Product details

Special Features
• 1200W output power
• High-power
• 1U x 2U power supply
• High-density design: 21.66W/in3
• Active Power Factor Correction
• EN61000-3-2 Harmonic compliance
• Inrush current control
• 80plus Platinum Efficiency
• N+1 or N+N Redundant
• Hot plug operation
• N + 1 redundant
• Active current sharing
• Full Digital control
• PMBus Compliant
• Input power reporting
• Compatible with Emerson’s Universal PMBus GUI
• Reverse airflow option
• Two-year Warranty




Similar Part No. - DS1200-3

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
DS1200-3 EMERSON-NETWORKPOWER-DS1200-3 Datasheet
644Kb / 4P
Distributed Power System
DS1200-3 EMERSON-NETWORKPOWER-DS1200-3 Datasheet
472Kb / 4P
1200 Watts Distributed Power System
logo
Artesyn Technologies
DS1200-3 ARTESYN-DS1200-3 Datasheet
1Mb / 5P
Distributed Power System
logo
Advanced Energy Industr...
DS1200-3 ADVANCEDENERGY-DS1200-3 Datasheet
998Kb / 7P
1200 Watts Distributed Power System
02 4.16
logo
Emerson Network Power
DS1200-3-002 EMERSON-NETWORKPOWER-DS1200-3-002 Datasheet
644Kb / 4P
Distributed Power System
More results


Similar Description - DS1200-3

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
NPS42-M EMERSON-NETWORKPOWER-NPS42-M Datasheet
430Kb / 3P
Embedded Power for Business-Critical Continuity
LPQ142-CF EMERSON-NETWORKPOWER-LPQ142-CF Datasheet
694Kb / 3P
Embedded Power for Business-Critical Continuity
logo
List of Unclassifed Man...
NPS24-M ETC2-NPS24-M Datasheet
393Kb / 3P
Embedded Power for Business-Critical Continuity
logo
Artesyn Technologies
PTH12010 ARTESYN-PTH12010_09 Datasheet
1Mb / 6P
Embedded Power for Business-Critical Continuity
PTH05060 ARTESYN-PTH05060_09 Datasheet
582Kb / 5P
Embedded Power for Business-Critical Continuity
PTH05050 ARTESYN-PTH05050_08 Datasheet
417Kb / 5P
Embedded Power for Business-Critical Continuity
BXA30-12S05J ARTESYN-BXA30-12S05J Datasheet
348Kb / 5P
Embedded Power for Business-Critical Continuity
VRM10-80-12-PY ARTESYN-VRM10-80-12-PY_10 Datasheet
927Kb / 10P
Embedded Power for Business-Critical Continuity
PTH05010 ARTESYN-PTH05010_09 Datasheet
593Kb / 5P
Embedded Power for Business-Critical Continuity
BXA10-12S05J ARTESYN-BXA10-12S05J Datasheet
244Kb / 4P
Embedded Power for Business-Critical Continuity
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com