Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2000-3-002 Datasheet (PDF) - Artesyn Technologies

DS2000-3-002 Datasheet PDF - Artesyn Technologies
Part # DS2000-3-002
Download  DS2000-3-002 Download
File Size   838.66 Kbytes
Page   4 Pages
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies
Description 2000 Watts 12 V Distributed Power System

DS2000-3-002 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS2000-3-002 Datasheet PDF - Artesyn Technologies

Part # DS2000-3-002
Download  DS2000-3-002 Click to download

File Size   838.66 Kbytes
Page   4 Pages
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies
Description 2000 Watts 12 V Distributed Power System

DS2000-3-002 Datasheet (HTML) - Artesyn Technologies


DS2000-3-002 Product details

SPECIAL FEATURES
■ Active power factor correction
■ EN61000-3-2 harmonic compliance
■ Active AC inrush control
■ 1U X 3U form factor
■ 26.14 W / in3
■ +12 Vdc output
■ +3.3 Vdc or 5.0 V Standby
■ No minimum load required
■ Hot plug operation
■ N + 1 redundant
■ Internal OR’ing fets
■ Active current sharing (10 - 100% load)
■ Built-in cooling fans (40 mm x 28 mm)
■ I2C communication interface bus
■ PMBus compliant
■ EEPROM for FRU data
■ Green and Amber LED status
■ Internal fan speed control
■ INTEL, SSI Std. logic timing
■ INTEL, SSI Std. FRU data format
■ Two year warranty




Similar Part No. - DS2000-3-002

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
DS2000-3-001 EMERSON-NETWORKPOWER-DS2000-3-001 Datasheet
761Kb / 4P
2000 Watts 12 V Distributed Power System
More results


Similar Description - DS2000-3-002

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
DS2000-3 EMERSON-NETWORKPOWER-DS2000-3_09 Datasheet
747Kb / 4P
2000 Watts 12 V Distributed Power System
DS1200 EMERSON-NETWORKPOWER-DS1200_09 Datasheet
472Kb / 4P
1200 Watts Distributed Power System
DS2900 EMERSON-NETWORKPOWER-DS2900 Datasheet
405Kb / 4P
2900 Watts Distributed Power System
DS2000-3 EMERSON-NETWORKPOWER-DS2000-3_11 Datasheet
761Kb / 4P
2000 Watts 12 V Distributed Power System
logo
Artesyn Technologies
DS1100SLPE ARTESYN-DS1100SLPE Datasheet
700Kb / 7P
1100 Watts Distributed Power System
DS750PED ARTESYN-DS750PED Datasheet
701Kb / 7P
750 Watts Distributed Power System
DS500SPE-3 ARTESYN-DS500SPE-3 Datasheet
704Kb / 7P
500 Watts Distributed Power System
DS2900 ARTESYN-DS2900 Datasheet
1Mb / 7P
2900 Watts Distributed Power System
DS1600SPE ARTESYN-DS1600SPE Datasheet
791Kb / 8P
1600 Watts Distributed Power System
DS1100SLPE-3-001 ARTESYN-DS1100SLPE-3-001 Datasheet
700Kb / 7P
1100 Watts Distributed Power System
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com