Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RN42 Datasheet (PDF) - Microchip Technology

RN42 Datasheet PDF - Microchip Technology
Part # RN42
Download  RN42 Download
File Size   1048.15 Kbytes
Page   26 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Class 2 Bluetooth짰 Module with EDR Support

RN42 Datasheet (PDF)

Go To PDF Page Download Datasheet
RN42 Datasheet PDF - Microchip Technology

Part # RN42
Download  RN42 Click to download

File Size   1048.15 Kbytes
Page   26 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Class 2 Bluetooth짰 Module with EDR Support

RN42 Datasheet (HTML) - Microchip Technology


RN42 Product details

DEVICE OVERVIEW
The RN42/RN42N module is a small form factor, low power, class 2 Bluetooth radio that is ideal for designers who want to add wireless capability to their products without spending significant time and money developing Bluetooth-specific hardware and software. The RN42/RN42N supports multiple interface protocols, is simple to design in, and is fully certified, making it a complete embedded Bluetooth solution. With its high-performance, PCB trace antenna (RN42) or external antenna (RN42N), and support for Bluetooth EDR, the RN42/RN42N delivers up to a 3-Mbps data rate for distances up to 10 meters.

Features
• Fully qualified Bluetooth® version 2.1 module, supports version 2.1 + Enhanced Data Rate (EDR)
• ASCII command interface over UART
• Postage-stamp-sized form factor:
   - RN42: 13.4 x 25.8 x 2.4 mm
   - RN42N: 13.4 x 20.5 x 2.4 mm
• Low-power (26 A sleep, 3 mA connected, 30 mA transmit)
• UART (SPP or HCI) and USB (HCI only) data connection interfaces
• Sustained SPP data rates: 240 Kbps (Slave mode), 300 Kbps (Master mode)
• HCI data rates: 1.5 Mbps sustained, 3.0 Mbps burst in HCI mode
• Embedded Bluetooth stack profiles include: GAP, SDP, RFCOMM, L2CAP protocols, with SPP, HID, and DUN profile support (does not require any host stack).
• Bluetooth SIG qualified, end product listing
• Castellated SMT pads for easy and reliable PCB mounting
• Class 2 power amplifier with on-board PCB trace antenna (RN42) or external antenna (RN42N)
• Compliance (RN42)
   - Modular Certified for the United States (FCC) and Canada (IC)
   - European R&TTE Directive Assessed Radio Module
   - Australia/New Zealand/Japan/Korea/Taiwan
   - Bluetooth SIG QDID
• Integrated Crystal, Internal Voltage Regulator, Matching Circuitry, Power Amplifier, Low Noise, Memory Amplifier and PCB Antenna
• Easy Integration into Final Product - Minimize Product Development, Quicker Time to Market
• Compatible with Microchip Microcontroller Families (PIC16F, PIC18F, PIC24F/H, dsPIC33 and PIC32)
• Up to 10 meter range

Applications
• Cable replacement
• Barcode scanners
• Measurement and monitoring systems
• Industrial sensors and controls
• Medical devices




Similar Part No. - RN42

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
RN4020 MICROCHIP-RN4020 Datasheet
1Mb / 28P
Bluetooth Low Energy Module
07/14/15
RN4020 MICROCHIP-RN4020_14 Datasheet
565Kb / 6P
RN4020 PICtail??PICtail Plus Board User?셲 Guide
03/25/14
logo
KOA Speer Electronics, ...
RN41 KOA-RN41 Datasheet
562Kb / 3P
fixed metal film melf resistors
logo
Microchip Technology
RN41 MICROCHIP-RN41 Datasheet
654Kb / 28P
Class 1 Bluetooth Module with EDR Support
03/25/14
RN41-I/RM MICROCHIP-RN41-I/RM Datasheet
654Kb / 28P
Class 1 Bluetooth Module with EDR Support
03/25/14
More results


Similar Description - RN42

ManufacturerPart #DatasheetDescription
logo
HANAMICRON
HBH1X1M HANAMICRON-HBH1X1M Datasheet
251Kb / 17P
Bluetooth V2.0 EDR Class 1 Module
HBH2X1M HANAMICRON-HBH2X1M Datasheet
239Kb / 16P
Bluetooth V2.0 EDR Class 2 Module
logo
List of Unclassifed Man...
F1E21 ETC2-F1E21 Datasheet
839Kb / 14P
BLUETOOTH V2.0 EDR CLASS 2 MODULE
logo
Texas Instruments
WL1271-TIWI TI-WL1271-TIWI Datasheet
43Kb / 2P
WLAN 802.11 b/g/n and Bluetooth짰 v2.1 EDR Module
CC2560-PAN1315 TI1-CC2560-PAN1315 Datasheet
43Kb / 2P
Bluetooth짰 v2.1 Enhanced Data Rate (EDR) Module
logo
STMicroelectronics
SPBT2632C1A STMICROELECTRONICS-SPBT2632C1A Datasheet
584Kb / 26P
Bluetooth® technology class-1 module
07-Aug-2012
SPBT2632C2A STMICROELECTRONICS-SPBT2632C2A Datasheet
548Kb / 27P
Bluetooth® technology class-2 module
August 2012 Rev 4
logo
List of Unclassifed Man...
ARF7678AA ETC2-ARF7678AA Datasheet
186Kb / 1P
Bluetooth짰 Module Class 2 - Data - 1mW - 2.41/2.48GHz
logo
Texas Instruments
WL1271-TIWI TI1-WL1271-TIWI_14 Datasheet
40Kb / 3P
WLAN 802.11 b/g/n and Bluetooth짰 v2.1 EDR Module
logo
Microchip Technology
RN41 MICROCHIP-RN41 Datasheet
654Kb / 28P
Class 1 Bluetooth Module with EDR Support
03/25/14
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com