Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8515AKS Datasheet (PDF) - Analog Devices

AD8515AKS Datasheet PDF - Analog Devices
Part # AD8515AKS
Download  AD8515AKS Download
File Size   242.53 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1.8 V Low Power CMOS Rail-to-Rail Input/Output Operational Amplifier

AD8515AKS Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8515AKS Datasheet PDF - Analog Devices

Part # AD8515AKS
Download  AD8515AKS Click to download

File Size   242.53 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1.8 V Low Power CMOS Rail-to-Rail Input/Output Operational Amplifier

AD8515AKS Datasheet (HTML) - Analog Devices


AD8515AKS Product details

GENERAL DESCRIPTION

The AD8515 is a rail-to-rail amplifier that can operate from a single-supply voltage as low as 1.8 V. The AD8515 single amplifier, available in 5-lead SOT-23 and 5-lead SC70 packages, is small enough to be placed next to sensors, reducing external noise pickup.



FEATURES

Single-supply operation: 1.8 V to 5 V

Offset voltage: 6 mV maximum

Space-saving SOT-23 and SC70 packages

Slew rate: 2.7 V/μs

Bandwidth: 5 MHz

Rail-to-rail input and output swing

Low input bias current: 2 pA typical

Low supply current @ 1.8 V: 450 μA maximum



APPLICATIONS

Portable communications

Portable phones

Sensor interfaces

Laser scanners

PCMCIA cards

Battery-powered devices

New generation phones

Personal digital assistants




Similar Part No. - AD8515AKS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8515AKS-R2 AD-AD8515AKS-R2 Datasheet
370Kb / 16P
1.8 V Low Power CMOS Rail-to-Rail Input/Output Operational Amplifier
REV. D
AD8515AKS-REEL AD-AD8515AKS-REEL Datasheet
370Kb / 16P
1.8 V Low Power CMOS Rail-to-Rail Input/Output Operational Amplifier
REV. D
AD8515AKS-REEL7 AD-AD8515AKS-REEL7 Datasheet
370Kb / 16P
1.8 V Low Power CMOS Rail-to-Rail Input/Output Operational Amplifier
REV. D
AD8515AKSZ-R2 AD-AD8515AKSZ-R2 Datasheet
370Kb / 16P
1.8 V Low Power CMOS Rail-to-Rail Input/Output Operational Amplifier
REV. D
AD8515AKSZ-R2 AD-AD8515AKSZ-R2 Datasheet
290Kb / 16P
1.8 V Low Power CMOS Rail-to-Rail Input/Output Operational Amplifier
Rev. E
More results


Similar Description - AD8515AKS

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6492 NSC-LMC6492 Datasheet
705Kb / 18P
CMOS Rail-to-Rail Input and Output Operational Amplifier
logo
STMicroelectronics
TS951 STMICROELECTRONICS-TS951_05 Datasheet
350Kb / 15P
Input/Output Rail-to-Rail Low Power Operational Amplifier
Dec-2005
logo
Analog Devices
AD8515 AD-AD8515_07 Datasheet
370Kb / 16P
1.8 V Low Power CMOS Rail-to-Rail Input/Output Operational Amplifier
REV. D
logo
STMicroelectronics
TS951 STMICROELECTRONICS-TS951_07 Datasheet
440Kb / 17P
Input/output rail-to-rail low power operational amplifier
10-Dec-2007
logo
Analog Devices
AD8546 AD-AD8546 Datasheet
862Kb / 24P
18 V, Micropower, CMOS, Rail-to-Rail Input/Output Operational Amplifier
REV. 0
logo
Texas Instruments
TLV316 TI1-TLV316_16 Datasheet
1Mb / 37P
10-MHz, Rail-to-Rail Input/Output, Low-Voltage, 1.8-V CMOS Operational Amplifiers
TLV316-Q1 TI1-TLV316-Q1 Datasheet
1Mb / 31P
10-MHz, Rail-to-Rail Input/Output, Low-Voltage, 1.8-V CMOS Operational Amplifiers
OPA316-Q1 TI1-OPA316-Q1 Datasheet
2Mb / 39P
10-MHz, Rail-to-Rail Input/Output, Low-Voltage, 1.8-V CMOS Operational Amplifier
logo
STMicroelectronics
TS185X STMICROELECTRONICS-TS185X Datasheet
427Kb / 24P
1.8 V input/output, rail-to-rail, low power operational amplifiers
12-Mar-2010
TS187X STMICROELECTRONICS-TS187X Datasheet
1Mb / 25P
1.8 V input/output, rail-to-rail, low power operational amplifiers
November 2012 Rev 7
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com