Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL34A Datasheet (PDF) - Frontier Electronics.

SL34A Datasheet PDF - Frontier Electronics.
Part # SL34A
Download  SL34A Download
File Size   458.24 Kbytes
Page   2 Pages
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.
Description 3A LOW FORWARD VOLTAGE SCHOTTKY BARRIER RECTIFIERS

SL34A Datasheet (PDF)

Go To PDF Page Download Datasheet
SL34A Datasheet PDF - Frontier Electronics.

Part # SL34A
Download  SL34A Click to download

File Size   458.24 Kbytes
Page   2 Pages
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.
Description 3A LOW FORWARD VOLTAGE SCHOTTKY BARRIER RECTIFIERS

SL34A Datasheet (HTML) - Frontier Electronics.


SL34A Product details

PRODUCT FEATURES
1. FLAMMABILITY CLASSIFICATION 94V-0
2. EXTREMELY LOW VF
3. BUILT-IN STRAIN RELIEF
4. MAJORITY CARRIER CONDUCTION
5. LOW FORWARD VOLTAGE/LOW PROFILE
6. CASE: TRANSFER MOLDED, DO-214AC (SMA)
7. DIMENSIONS IN INCHES AND (MILLIMETERS)
8. LEADS: SOLDERABILITY PER MIL-STD-750 METHOD 2026
9. WEIGHT: 0.064 GRAMS
10 RoHS COMPLIANT




Similar Part No. - SL34A

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
SL34A WEITRON-SL34A Datasheet
189Kb / 3P
Low VF Surface Mount Schottky Barrier Rectifiers
logo
Sangdest Microelectroni...
SL34A SMC-SL34A Datasheet
188Kb / 6P
SCHOTTKY RECTIFIER
logo
GOOD-ARK Electronics
SL34A GOOD-ARK-SL34A Datasheet
200Kb / 3P
Surface Mount Schottky Barrier Rectifier
logo
Micro Commercial Compon...
SL34A MCC-SL34A Datasheet
451Kb / 3P
Moisture Sensitivity Level 1
logo
Galaxy Semi-Conductor H...
SL34A BILIN-SL34A Datasheet
64Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results


Similar Description - SL34A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
30FWJ2CZ47M TOSHIBA-30FWJ2CZ47M_06 Datasheet
302Kb / 5P
LOW FORWARD VOLTAGE SCHOTTKY BARRIER
logo
Frontier Electronics.
1N5820 FRONTIER-1N5820 Datasheet
120Kb / 2P
3A SCHOTTKY BARRIER RECTIFIERS
LS12B FRONTIER-LS12B Datasheet
167Kb / 2P
1A SURFACE MOUNT LOW FORWARD VOLTAGE SCHOTTKY BARRIER RECTIFIERS
LS12-LFR FRONTIER-LS12-LFR Datasheet
168Kb / 2P
1A SURFACE MOUNT LOW FORWARD VOLTAGE SCHOTTKY BARRIER RECTIFIERS
LS22A FRONTIER-LS22A Datasheet
174Kb / 2P
2A SURFACE MOUNT LOW FORWARD VOLTAGE SCHOTTKY BARRIER RECTIFIERS
LS32A FRONTIER-LS32A Datasheet
174Kb / 2P
3A SURFACE MOUNT LOW FORWARD VOLTAGE SCHOTTKY BARRIER RECTIFIERS
SR302 FRONTIER-SR302 Datasheet
124Kb / 2P
3A SCHOTTKY BARRIER RECTIFIERS
SR302-LFR FRONTIER-SR302-LFR Datasheet
124Kb / 2P
3A SCHOTTKY BARRIER RECTIFIERS
logo
Hi-Sincerity Mocroelect...
HSMA320 HSMC-HSMA320 Datasheet
105Kb / 3P
Schottky Barrier Rectifiers (Reverse Voltage 20 to 100V, Forward Current 3A)
HSR320 HSMC-HSR320 Datasheet
65Kb / 3P
Schottky Barrier Rectifiers (Reverse Voltage 20 to 100V, Forward Current 3A)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com