Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM6308 Datasheet (PDF) - List of Unclassifed Manufacturers

ADM6308 Datasheet PDF - List of Unclassifed Manufacturers
Part # ADM6308
Download  ADM6308 Download
File Size   190.75 Kbytes
Page   17 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Eight-port 10/100M Ethernet Switch Controller

ADM6308 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADM6308 Datasheet PDF - List of Unclassifed Manufacturers

Part # ADM6308
Download  ADM6308 Click to download

File Size   190.75 Kbytes
Page   17 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Eight-port 10/100M Ethernet Switch Controller

ADM6308 Datasheet (HTML) - List of Unclassifed Manufacturers


ADM6308 Product details

[ADMtek Incorporate]

Overview
ADM6308, a single chip, is a 10/100Mbps eight-port stand-alone switching controller with built-in data buffer memory which provides low cost and simple solution though a high integration design. Eight Reduced MII interfaces are designed for 10BASE/100BASE ports. MAC controller, switch engines and data buffer memory are built-in. The chip can fit to desktop or SOHO applications, and each 10/100M port directly connects either 10BASE or 100BASE devices. Additionally, ADM6308 breaks the distance limitation of 10BASE or any class 100BASE repeaters, and increases throughput.

Features
➤ Non-blocking eight-port 10/100M switching controller with MAC controller and switching engine included low cost and a simple solution for 100BASE-TX, 100BASE-FX, and 10BASE applications.
➤ Configurable 10/100BASE Reduced MII interfaces and 1MII+ 7RMII mode provided.
➤ The single clock input, 50M, for RMII and system
➤ Speed auto negotiation function for all ports
➤ Store-and- forward operation support.
➤ Full line speed capability of 14880 packet/sec for 10M and 148810 packet/sec for 100M, with no HOL blocking.
➤ Broadcast storming prevention
➤ Support 4 groups port-based VLAN.
➤ Full-duplex (IEEE802.3x) and three-way half-duplex flow control (Back pressure).
➤ Data buffer SSRAM embedded,
➤ CoS support: Port-based, VLAN tag, TCP/IP TOS/DS.
➤ Intelligently back-pressure and flow control turned on/off in the port with priority frames
➤ Buffer management included.
➤ 93C46 EEPROM interface or Dynamic configured by 8051
➤ Buffer full and faulty LED provided.
➤ Bridging functions such as:
   ◆ Local MAC address filtering.
   ◆ CRC or direct mapping hashing schemes for better address coverage.
   ◆ Short routing decision time.
   ◆ Aging function included with configurable aging time.
   ◆ Embedded 1K entries of address table.
➤ Low power 2.5 V CMOS technology with 3.3V tolerance I/O
➤ 100-pins Plastic Quad Flat Package.




Similar Part No. - ADM6308

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
ADM6308 PULSE-ADM6308 Datasheet
253Kb / 12P
LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
More results


Similar Description - ADM6308

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50409 ZARLINK-ZL50409 Datasheet
1Mb / 135P
Managed 9-Port 10/100M Ethernet Switch
ZL50408 ZARLINK-ZL50408 Datasheet
1Mb / 132P
Managed 8-Port 10/100M 1-Port 10/100/1000M Ethernet Switch
ZL50404 ZARLINK-ZL50404 Datasheet
1Mb / 121P
Lightly Managed/Unmanaged 5-Port 10/100M Ethernet Switch
EA-224 ZARLINK-EA-224 Datasheet
519Kb / 29P
4-Port 10/100M Ethernet Access Controller
ZL50410 ZARLINK-ZL50410 Datasheet
1Mb / 138P
Managed 8-Port 10/100M 1-Port 10/100/1000M Ethernet Switch
logo
List of Unclassifed Man...
DM8108 ETC1-DM8108 Datasheet
371Kb / 35P
8 port 10/100M Fast Ethernet Switching Controller
MTD516 ETC1-MTD516 Datasheet
265Kb / 27P
16 Port 10M/100M Ethernet Switch
IP1726LF ETC2-IP1726LF Datasheet
249Kb / 33P
26-port 10/100M Smart Switch Controller
logo
Realtek Semiconductor C...
RTL8152B-VB-CG REALTEK-RTL8152B-VB-CG Datasheet
515Kb / 27P
INTEGRATED 10/100M ETHERNET CONTROLLER
logo
List of Unclassifed Man...
MTD508 ETC-MTD508 Datasheet
439Kb / 19P
8-Port 10M/100M Ethernet Switch
Rev.1.3 December 2001
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com