Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUC814 Datasheet (PDF) - Analog Devices

ADUC814 Datasheet PDF - Analog Devices
Part # ADUC814
Download  ADUC814 Download
File Size   846.81 Kbytes
Page   72 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description MicroConverter, Small Package 12-Bit ADC with Embedded Flash MCU

ADUC814 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADUC814 Datasheet PDF - Analog Devices

Part # ADUC814
Download  ADUC814 Click to download

File Size   846.81 Kbytes
Page   72 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description MicroConverter, Small Package 12-Bit ADC with Embedded Flash MCU

ADUC814 Datasheet (HTML) - Analog Devices


ADUC814 Product details

GENERAL DESCRIPTION
The ADuC814 is a fully integrated 247 kSPS, 12-bit data acquisition system incorporating a high performance multichannel ADC, an 8-bit MCU, and program/data Flash/EE memory on a single chip.

FEATURES
   ANALOG I/O
      6-channel 247 kSPS ADC
         12-bit resolution
         ADC high speed data capture mode
         Programmable reference via on-chip DAC for low
            level inputs, ADC performance specified to VREF = 1 V
      Dual voltage output DACs
         12-bit resolution, 15 µs settling time
   Memory
      8 kbytes on-chip Flash/EE program memory
      640 bytes on-chip Flash/EE data memory
      Flash/EE, 100 year retention, 100 kcycle endurance
      3 levels of Flash/EE program memory security
      In-circuit serial downlaod (no external hardware)
      256 bytes on-chip data RAM
   8051 based core
      8051 compatible instruction set
      32 kHz external crystal,
         on-chip programmable PLL (16.78 MHz max)
      Three 16-bit timer/counters
      11 programmable I/O lines
      11 interrupt sources, 2 priority levels
   Power
      Specified for 3 V and 5 V operation
      Normal: 3 mA @ 3 V (core CLK = 2.1 MHz)
      Power-down: 15 µA (32 kHz oscillator running)
   On-chip peripherals
      Power-on reset circuit (no need for external POR device)
      Temperature monitor (±1.5°C accuracy)
      Precision voltage reference
      Time interval counter (wake-up/RTC timer)
      UART serial I/O
      SPI®/I2C® compatible serial I/O
      Watchdog timer (WDT), power supply monitor (PSM)
   Package and temperature range
      28-lead TSSOP 4.4 mm × 9.7 mm package
      Fully specified for −40°C to +125°C operation

APPLICATIONS
   Optical networking—laser power control
   Base station systems—power amplifier bias control
   Precision instruments, smart sensors
   Battery-powered systems, precision system monitors




Similar Part No. - ADUC814

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC814 AD-ADUC814 Datasheet
279Kb / 16P
MicroConverter, Small Package 12-Bit ADC with Embedded FLASH MCU
REV. 0
ADUC814 AD-ADUC814 Datasheet
852Kb / 72P
MicroConverter짰, Small Package 12-Bit ADC with Embedded Flash MCU
REV. A
ADUC814 AD-ADUC814 Datasheet
867Kb / 73P
MicroConverter®, Small Package 12-Bit ADC with Embedded Flash MCU
Rev. A
ADUC814ARU AD-ADUC814ARU Datasheet
279Kb / 16P
MicroConverter, Small Package 12-Bit ADC with Embedded FLASH MCU
REV. 0
ADUC814ARU AD-ADUC814ARU Datasheet
852Kb / 72P
MicroConverter짰, Small Package 12-Bit ADC with Embedded Flash MCU
REV. A
More results


Similar Description - ADUC814

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC812 AD-ADUC812 Datasheet
543Kb / 31P
MicroConverter?? Multichannel 12-Bit ADC with Embedded FLASH MCU
REV.0
ADUC832 AD-ADUC832 Datasheet
1Mb / 80P
MicroConverter, 12-Bit ADCs and DACs with Embedded 62 kBytes Flash MCU
REV.0
ADUC831 AD-ADUC831 Datasheet
1Mb / 76P
MicroConverter, 12-Bit ADCs and DACs with Embedded 62 kBytes Flash MCU
REV.0
ADUC812 AD-ADUC812_03 Datasheet
1Mb / 60P
MicroConverter짰, Multichannel 12-Bit ADC with Embedded Flash MCU
4/03-Data Sheet changed from REV. D to REV. E.
ADUC814 AD-ADUC814_02 Datasheet
279Kb / 16P
MicroConverter, Small Package 12-Bit ADC with Embedded FLASH MCU
REV. 0
ADUC814ARUZ AD-ADUC814ARUZ Datasheet
852Kb / 72P
MicroConverter짰, Small Package 12-Bit ADC with Embedded Flash MCU
REV. A
ADUC812BSZ AD-ADUC812BSZ Datasheet
1Mb / 57P
MicroConverter, Multichannel 12-Bit ADC with Embedded Flash MCU
REV. F
ADUC814BRUZ AD-ADUC814BRUZ Datasheet
852Kb / 72P
MicroConverter짰, Small Package 12-Bit ADC with Embedded Flash MCU
REV. A
ADUC812 AD-ADUC812_15 Datasheet
1Mb / 57P
MicroConverter, Multichannel 12-Bit ADC with Embedded Flash MCU
Rev. F
ADUC831 AD-ADUC831_15 Datasheet
1Mb / 76P
MicroConverter, 12-Bit ADCs and DACs with Embedded 62 kBytes Flash MCU
REV. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com