Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

38C2 Datasheet (PDF) - Mitsubishi Electric Semiconductor

38C2 Datasheet PDF - Mitsubishi Electric Semiconductor
Part # 38C2
Download  38C2 Download
File Size   1000.06 Kbytes
Page   63 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER????

38C2 Datasheet (PDF)

Go To PDF Page Download Datasheet
38C2 Datasheet PDF - Mitsubishi Electric Semiconductor

Part # 38C2
Download  38C2 Click to download

File Size   1000.06 Kbytes
Page   63 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER????

38C2 Datasheet (HTML) - Mitsubishi Electric Semiconductor


38C2 Product details

DESCRIPTION
The 38C2 group is the 8-bit microcomputer based on the 740 family core technology.
The 38C2 group has an LCD drive control circuit, a 10-channel A-D converter, and a Serial I/O as additional functions.
The various microcomputers in the 38C2 group include variations of internal memory size and packaging. For details, refer to the section on part numbering.

FEATURES
● Basic machine-language instructions ....................................... 71
● The minimum instruction execution time .......................... 0.25 µs
                                                         (at 8MHz oscillation frequency)
● Memory size
   ROM ................................................................ 16 K to 60 K bytes
   RAM ................................................................. 640 to 2048 bytes
● Programmable input/output ports ............................................. 51
                                                                       (common to SEG: 24)
● Interrupts ................................................... 18 sources, 16 vectors
● Timers ............................................................8-bit ✕ 4, 16-bit ✕ 2
● A-D converter ................................................. 10-bit ✕ 8 channels
● Serial I/O ........................ 8-bit ✕ 2 (UART or Clock-synchronized)
● PWM .................. 10-bit ✕ 2, 16-bit ✕ 1 (common to IGBT output)
● LCD drive control circuit
   Bias ................................................................................... 1/2, 1/3
   Duty ........................................................................... 1/2, 1/3, 1/4
   Common output .......................................................................... 4
   Segment output ........................................................................ 24
● Two clock generating circuits
   (connect to external ceramic resonator or quartz-crystal oscillator)
● Watchdog timer ............................................................... 8-bit ✕ 1
●  LED direct drive port .................................................................. 8
   (average current: 15 mA, peak current: 30 mA, total current: 90 mA)
● Power source voltage
   In through mode .......................................................... 4.0 to 5.5 V
                                                         (at 8 MHz oscillation frequency)
   In frequency/2 mode ................................................... 1.8 to 5.5 V
                 (at 4 MHz oscillation frequency, A-D operation excluded)
   In low-speed mode ..................................................... 1.8 to 5.5 V
                                                       (at 32 kHz oscillation frequency)
● Power dissipation
   In through mode ................................................................. 26 mW
                                     (at 8 MHz oscillation frequency, VCC = 5 V)
   In low-speed mode .............................................................21 µW
                                    (at 32 kHz oscillation frequency, VCC = 3 V)
● Operating temperature range ................................... – 20 to 85°C




Similar Part No. - 38C2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
38C2 RENESAS-38C2 Datasheet
388Kb / 14P
Difference among various products
More results


Similar Description - 38C2

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37630M4T MITSUBISHI-M37630M4T Datasheet
571Kb / 48P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
38D5 RENESAS-38D5 Datasheet
2Mb / 141P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3826OTP RENESAS-3826OTP Datasheet
999Kb / 91P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38K0 RENESAS-38K0 Datasheet
1Mb / 133P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M3882 RENESAS-M3882 Datasheet
600Kb / 62P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38C3 RENESAS-38C3 Datasheet
930Kb / 63P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38C8 RENESAS-38C8 Datasheet
974Kb / 55P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3825 RENESAS-3825 Datasheet
1Mb / 71P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37515M4-XXXHP RENESAS-M37515M4-XXXHP Datasheet
800Kb / 55P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37161M8 RENESAS-M37161M8 Datasheet
1Mb / 129P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com