Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT76C113-P Datasheet (PDF) - ATMEL Corporation

AT76C113-P Datasheet PDF - ATMEL Corporation
Part # AT76C113-P
Download  AT76C113-P Download
File Size   35.46 Kbytes
Page   4 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description High- Performance Digital Camera Processor

AT76C113-P Datasheet (PDF)

Go To PDF Page Download Datasheet
AT76C113-P Datasheet PDF - ATMEL Corporation

Part # AT76C113-P
Download  AT76C113-P Click to download

File Size   35.46 Kbytes
Page   4 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description High- Performance Digital Camera Processor

AT76C113-P Datasheet (HTML) - ATMEL Corporation


AT76C113-P Product details

Description
The AT76C113 is a highly integrated solution for digital cameras. It combines a number of functions that are required in implementing digital cameras.
• Image data acquisition and capturing from either CCD or CMOS imagers
• Image display
• Image processing and image storing
• Overall camera management
• Control of general-purpose I/O functions
• Data communication
• Control of user functions
• On-screen Display

AT76C113 also provides a large number of interfaces that allow camera manufacturers to directly access a variety of devices that may be present in a digital camera.
• Communication with PCs
• Communication with Flash cards
• Serial communication ports for controlling other devices in the camera

Features
• DSP Functions for CCD/CMOS Image Processing
• Baseline JPEG Compression/Decompression
• MPEG-1 Encode/Decode at 24 fps QVGA
• Compatible with Various Types of Display Devices
• Video Encoder Including Line Driver for NTSC/PAL TV Signal
• Integrated DACs for LCD Interface
• Direct Interface to Epson® and AU LCDs
• Digital Outputs Include: Composite, 16-bit YC, RGB 565
• SDRAM Interface – Supports from 16M Bits to 256M Bits
• Unified Memory Architecture (All Program and Data Stored in SDRAM)
• Support for Most Flash Card Interfaces (Atmel DataFlash®, MMC, SD, SSFDC, Memory Stick™)
• USB 1.1 Host/Slave Controller and USART Interfaces for PC Camera and Printing Applications
• Up to Nine External Interrupts and Wake-up Pin
• Serial Peripheral Interface for Loading Boot Code and Controlling Camera Components
• Two DACs for Camera Control Functions and Audio Output
• Four ADC Channels for Monitoring Camera Analog Inputs, Audio Input, Switch Input, Etc.
• Audio Data Interface for Connection to External Stereo ADC/DAC
• Three General-purpose Timers for Waveform Generation (PWM, Etc.) and Event Monitoring
• Up to 62 Pins for General-purpose I/O
• Up to 2M Bytes Program Space
• Support for RTOS
• All Low-level Software, Application Samples are Provided
• 208-ball BGA Package
• 1.8-Volt Core and 3.3V I/O Operation




Similar Part No. - AT76C113-P

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT76C113-P ATMEL-AT76C113-P Datasheet
64Kb / 3P
HIGH - PERFORMANCE DIGITAL MEDIA PROCESSOR
AT76C113-PU ATMEL-AT76C113-PU Datasheet
64Kb / 3P
HIGH - PERFORMANCE DIGITAL MEDIA PROCESSOR
More results


Similar Description - AT76C113-P

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS7301B SAMSUNG-KS7301B Datasheet
359Kb / 34P
DIGITAL CAMERA PROCESSOR
KS7306 SAMSUNG-KS7306 Datasheet
405Kb / 54P
DIGITAL CAMERA PROCESSOR
logo
ATMEL Corporation
AT76C110 ATMEL-AT76C110 Datasheet
51Kb / 3P
High- Performance Digital Camera Processor
AT76C112 ATMEL-AT76C112 Datasheet
48Kb / 3P
High Performance Digital Camera Processor
logo
STMicroelectronics
STV0684 STMICROELECTRONICS-STV0684 Datasheet
487Kb / 49P
Digital Camera Processor
logo
ATMEL Corporation
AT76C111 ATMEL-AT76C111 Datasheet
51Kb / 3P
High-Performance Digital Camera Processor
logo
Zoran Corporation
ZR36460 ZORAN-ZR36460 Datasheet
94Kb / 2P
Digital Camera Processor
ZR36470 ZORAN-ZR36470 Datasheet
81Kb / 2P
Digital Camera Processor
COACH10 ZORAN-COACH10 Datasheet
116Kb / 2P
Digital Camera Processor
logo
List of Unclassifed Man...
IS-5114I ETC2-IS-5114I Datasheet
251Kb / 17P
High-Performance Digital/Video Camera Processor
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com