Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3844D813 Datasheet (PDF) - List of Unclassifed Manufacturers

AS3844D813 Datasheet PDF - List of Unclassifed Manufacturers
Part # AS3844D813
Download  AS3844D813 Download
File Size   155.43 Kbytes
Page   20 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Current Mode Controller

AS3844D813 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS3844D813 Datasheet PDF - List of Unclassifed Manufacturers

Part # AS3844D813
Download  AS3844D813 Click to download

File Size   155.43 Kbytes
Page   20 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Current Mode Controller

AS3844D813 Datasheet (HTML) - List of Unclassifed Manufacturers


AS3844D813 Product details

[ASTEC]



Description

The AS3842 family of control ICs provide pin-for-pin replacement of the industry standard UC3842 series of devices. The devices are redesigned to provide significantly improved tolerances in power supply manufacturing. The 2.5 V reference has been trimmed to 1.0% tolerance. The oscillator discharge current is trimmed to provide guaranteed duty cycle clamping rather than specified discharge current. The circuit is more completely specified to guarantee all parameters impacting power supply manufacturing tolerances.



Features

• 2.5 V bandgap reference trimmed to 1.0% and temperature-compensated

• Standard temperature range extended to 105°C

• AS3842/3 oscillations trimmed for precision duty cycle clamp

• AS3844/5 have exact 50% max duty cycle clamp

• Advanced oscillator design simplifies synchronization

• Improved specs on UVLO and hysteresis provide more predictable start-up and shutdown

• Improved 5 V regulator provides better AC noise immunity

• Guaranteed performance with current sense pulled below ground



 




Similar Part No. - AS3844D813

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
AS38-H39E BOARDCOM-AS38-H39E Datasheet
1Mb / 8P
39-Bit Energy-Harvesting Multi-Turn Absolute Encoder
AS38-H39E BOARDCOM-AS38-H39E Datasheet
1Mb / 8P
39-Bit Energy-Harvesting Multi-Turn Absolute Encoder
December 9, 2019
AS38-H39E-B06S BOARDCOM-AS38-H39E-B06S Datasheet
1Mb / 8P
39-Bit Energy-Harvesting Multi-Turn Absolute Encoder
December 9, 2019
AS38-H39E-B12S BOARDCOM-AS38-H39E-B12S Datasheet
1Mb / 8P
39-Bit Energy-Harvesting Multi-Turn Absolute Encoder
December 9, 2019
AS38-H39E-B13S BOARDCOM-AS38-H39E-B13S Datasheet
1Mb / 8P
39-Bit Energy-Harvesting Multi-Turn Absolute Encoder
December 9, 2019
More results


Similar Description - AS3844D813

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
Current-mode PWM controller
August 31, 1994
logo
List of Unclassifed Man...
AS2842 ETC-AS2842 Datasheet
94Kb / 20P
Current Mode Controller
logo
Texas Instruments
UC1843 TI-UC1843 Datasheet
937Kb / 3P
Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
CURRENT MODE PWM CONTROLLER
logo
Linear Dimensions Semic...
LND3842 LINEAR_DIMENSIONS-LND3842 Datasheet
158Kb / 10P
Current Mode PWM Controller
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
CURRENT MODE PWM CONTROLLER
UC3844Y TI1-UC3844Y Datasheet
708Kb / 28P
CURRENT MODE PWM CONTROLLER
UC3845D-8 TI-UC3845D-8 Datasheet
693Kb / 28P
CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
Current Mode PWM Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com