Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXT6176 Datasheet (PDF) - Cirrus Logic

CXT6176 Datasheet PDF - Cirrus Logic
Part # CXT6176
Download  CXT6176 Download
File Size   79.42 Kbytes
Page   4 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description PULLABLE QUARTZ CRYSTALS

CXT6176 Datasheet (PDF)

Go To PDF Page Download Datasheet
CXT6176 Datasheet PDF - Cirrus Logic

Part # CXT6176
Download  CXT6176 Click to download

File Size   79.42 Kbytes
Page   4 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description PULLABLE QUARTZ CRYSTALS

CXT6176 Datasheet (HTML) - Cirrus Logic


CXT6176 Product details

General Description
The CXT6176 and CXT8192 pullable quartz crystals ensure proper jitter attenuation and frequency tolerance for Cirrus Logic’s line interface devices. The CXT6176 is designed for use in 1.544 MHz T1 applications and the CXT8192 is designed for use in 2.048 MHz E1 applications. The CXT8192A is a specialized tight tolerance crystal designed to meet the CTR12 jitter attenuation requirements for E1 applications when used with the CS61304A, and CS61305A line interface devices.

Features
● Provides jitter attenuation function for the following T1/E1 Line Interface Units
    CS61304A, CS61305A, CS61535A, CS61574A, CS61577




Similar Part No. - CXT6176

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
CXT RADIOMETRIX-CXT Datasheet
654Kb / 12P
Multi channel 25kHz NBFM remote control TX/RX
CXT1-151-1 RADIOMETRIX-CXT1-151-1 Datasheet
654Kb / 12P
Multi channel 25kHz NBFM remote control TX/RX
CXT1-151-1 RADIOMETRIX-CXT1-151-1 Datasheet
654Kb / 12P
Multi channel 25kHz NBFM remote control TX/RX
CXT1-173-1 RADIOMETRIX-CXT1-173-1 Datasheet
654Kb / 12P
Multi channel 25kHz NBFM remote control TX/RX
CXT1-173-1 RADIOMETRIX-CXT1-173-1 Datasheet
654Kb / 12P
Multi channel 25kHz NBFM remote control TX/RX
More results


Similar Description - CXT6176

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
XT57C VISHAY-XT57C Datasheet
32Kb / 1P
Quartz Crystals
05-Jan-00
logo
EUROQUARTZ limited
HFF EUROQUARTZ-HFF Datasheet
143Kb / 1P
QUARTZ CRYSTALS
logo
ECS, Inc.
UM-1 ECS-UM-1 Datasheet
455Kb / 1P
QUARTZ CRYSTALS
logo
Vishay Siliconix
XT23 VISHAY-XT23 Datasheet
76Kb / 3P
Quartz Crystals
09-May-11
XT35 VISHAY-XT35 Datasheet
80Kb / 3P
Quartz Crystals
09-May-11
logo
Oscilent Corporation
QC-153 OSCILENT-QC-153 Datasheet
148Kb / 3P
Quartz Crystals
logo
ECS, Inc.
UM-1_UM-5_UM-4R ECS-UM-1_UM-5_UM-4R Datasheet
349Kb / 1P
QUARTZ CRYSTALS
logo
Vishay Siliconix
XT35 VISHAY-XT35_V01 Datasheet
83Kb / 3P
Quartz Crystals
09-May-11
XT23 VISHAY-XT23_V01 Datasheet
76Kb / 3P
Quartz Crystals
11-Jul-17
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com