Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KWSA Datasheet (PDF) - TDK Electronics

KWSA Datasheet PDF - TDK Electronics
Part # KWSA
Download  KWSA Download
File Size   537.77 Kbytes
Page   2 Pages
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics
Description Single Output 5W to 25W AC-DC PCB-Mount Power Supplies

KWSA Datasheet (PDF)

Go To PDF Page Download Datasheet
KWSA Datasheet PDF - TDK Electronics

Part # KWSA
Download  KWSA Click to download

File Size   537.77 Kbytes
Page   2 Pages
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics
Description Single Output 5W to 25W AC-DC PCB-Mount Power Supplies

KWSA Datasheet (HTML) - TDK Electronics




Similar Part No. - KWSA

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
KWS-1205 POWER-SYSTEMS-KWS-1205 Datasheet
209Kb / 6P
DC-DC Converter UNIT 15 W WIDE INPUT RANGE DC-DC CONVERTER
KWS-1205T POWER-SYSTEMS-KWS-1205T Datasheet
209Kb / 6P
DC-DC Converter UNIT 15 W WIDE INPUT RANGE DC-DC CONVERTER
KWS-1209 POWER-SYSTEMS-KWS-1209 Datasheet
209Kb / 6P
DC-DC Converter UNIT 15 W WIDE INPUT RANGE DC-DC CONVERTER
KWS-1209T POWER-SYSTEMS-KWS-1209T Datasheet
209Kb / 6P
DC-DC Converter UNIT 15 W WIDE INPUT RANGE DC-DC CONVERTER
KWS-1212 POWER-SYSTEMS-KWS-1212 Datasheet
209Kb / 6P
DC-DC Converter UNIT 15 W WIDE INPUT RANGE DC-DC CONVERTER
More results


Similar Description - KWSA

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MPE-25S MPD-MPE-25S Datasheet
239Kb / 2P
Single Output, 25W Compact, Enclosed AC/DC Power Supplies
MPM-05 MPD-MPM-05 Datasheet
199Kb / 2P
Compact, 5W PC Mount Single, Dual & Triple Out AC/DC Power Supplies
MPO-25S MPD-MPO-25S Datasheet
228Kb / 2P
Single Output, 25W Compact, Open Frame AC/DC Power Supplies
MPB-05S MPD-MPB-05S Datasheet
337Kb / 2P
Miniature PCB-Mount, 5W, Open Frame AC/DC Power Supplies
logo
Wall Industries,Inc.
PSAOC WALL-PSAOC Datasheet
123Kb / 4P
AC/DC PCB Mount Power Supplies
PSAOCH WALL-PSAOCH Datasheet
122Kb / 4P
AC/DC PCB Mount Power Supplies
PSAZC WALL-PSAZC Datasheet
312Kb / 3P
AC/DC PCB Mount Power Supplies
logo
Chinfa Electronics Ind....
KAS05 CHINFA-KAS05 Datasheet
173Kb / 4P
AC-DC POWER MODULE 5W SINGLE OUTPUT
logo
MicroPower Direct, LLC
MPM-05MM MPD-MPM-05MM Datasheet
547Kb / 2P
Miniature 1 x 1 Inch 5W, Single Output AC/DC Power Supplies
logo
List of Unclassifed Man...
MP-LS05-13B03R3 ETC-MP-LS05-13B03R3 Datasheet
1Mb / 7P
5W DIY AC to DC Converter - PCB Mount
12/11/20
More results




About TDK Electronics


TDK Electronics is a subsidiary of TDK Corporation, a multinational electronics company based in Japan.
TDK Electronics specializes in the design and manufacture of electronic components such as capacitors, inductors, and ferrite beads for use in a wide range of applications including consumer electronics, automobiles, and industrial systems.
The company is known for its high-quality products and innovative solutions, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com