Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFA50PA60C Datasheet (PDF) - International Rectifier

HFA50PA60C Datasheet PDF - International Rectifier
Part # HFA50PA60C
Download  HFA50PA60C Download
File Size   165.15 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Ultrafast, Soft Recovery Diode

HFA50PA60C Datasheet (PDF)

Go To PDF Page Download Datasheet
HFA50PA60C Datasheet PDF - International Rectifier

Part # HFA50PA60C
Download  HFA50PA60C Click to download

File Size   165.15 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Ultrafast, Soft Recovery Diode

HFA50PA60C Datasheet (HTML) - International Rectifier


HFA50PA60C Product details

VR = 600V
VF(typ.)* = 1.3V
IF(AV) = 25A
Qrr (typ.)= 112nC
IRRM(typ.) = 4.5A
trr(typ.) = 23ns
di(rec)M/dt (typ.)* = 160A/µs

Description
International Rectifiers HFA50PA60C is a state of the art center tap ultra fast recovery diode. Employing the latest in epitaxial construction and advanced processing techniques it features a superb combination of characteristics which result in performance which is unsurpassed by any rectifier previously available.

Features
• Ultrafast Recovery
• Ultrasoft Recovery
• Very Low IRRM
• Very Low Qrr
• Specified at Operating Conditions


Benefits
• Reduced RFI and EMI
• Reduced Power Loss in Diode and Switching Transistor
• Higher Frequency Operation
• Reduced Snubbing
• Reduced Parts Count




Similar Part No. - HFA50PA60C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HFA50PA60C VISHAY-HFA50PA60C Datasheet
207Kb / 7P
HEXFRED® Ultrafast, Soft Recovery Diode, 2 x 25 A
29-Jul-08
logo
International Rectifier
HFA50PA60CPBF IRF-HFA50PA60CPBF Datasheet
231Kb / 6P
Ultrafast,sSoft Recovery Diode
logo
Vishay Siliconix
HFA50PA60CPBF VISHAY-HFA50PA60CPBF Datasheet
210Kb / 7P
HEXFRED® Ultrafast Soft Recovery Diode, 2 x 25 A
25-Jul-08
HFA50PA60CPBF VISHAY-HFA50PA60CPBF Datasheet
215Kb / 9P
HEXFRED Ultrafast Soft Recovery Diode, 2 x 25 A
23-May-11
HFA50PA60CPBF VISHAY-HFA50PA60CPBF_11 Datasheet
215Kb / 9P
HEXFRED Ultrafast Soft Recovery Diode, 2 x 25 A
23-May-11
More results


Similar Description - HFA50PA60C

ManufacturerPart #DatasheetDescription
logo
International Rectifier
HFA280NJ60D IRF-HFA280NJ60D Datasheet
224Kb / 5P
Ultrafast, Soft Recovery Diode
HFA140MD60D IRF-HFA140MD60D Datasheet
286Kb / 5P
Ultrafast, Soft Recovery Diode
HFA140NH60 IRF-HFA140NH60 Datasheet
320Kb / 5P
Ultrafast, Soft Recovery Diode
HFA140NJ60D IRF-HFA140NJ60D Datasheet
319Kb / 5P
Ultrafast, Soft Recovery Diode
HFA04TB60SPBF IRF-HFA04TB60SPBF Datasheet
240Kb / 7P
ULTRAFAST, SOFT RECOVERY DIODE
HFB16HY20CC IRF-HFB16HY20CC Datasheet
123Kb / 5P
Ultrafast, Soft Recovery Diode
HFA15PB60PBF IRF-HFA15PB60PBF Datasheet
216Kb / 6P
Ultrafast, Soft Recovery Diode
HFA06TB120PBF IRF-HFA06TB120PBF Datasheet
166Kb / 7P
Ultrafast, Soft Recovery Diode
HFA16TA60CPBF IRF-HFA16TA60CPBF Datasheet
194Kb / 6P
Ultrafast, Soft Recovery Diode
HFA04TB60PBF IRF-HFA04TB60PBF Datasheet
185Kb / 6P
Ultrafast, Soft Recovery Diode
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com