Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AA07S Datasheet (PDF) - Delta Electronics, Inc.

AA07S Datasheet PDF - Delta Electronics, Inc.
Part # AA07S
Download  AA07S Download
File Size   213.53 Kbytes
Page   4 Pages
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.
Description 7W Single Output AC/DC converter

AA07S Datasheet (PDF)

Go To PDF Page Download Datasheet
AA07S Datasheet PDF - Delta Electronics, Inc.

Part # AA07S
Download  AA07S Click to download

File Size   213.53 Kbytes
Page   4 Pages
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.
Description 7W Single Output AC/DC converter

AA07S Datasheet (HTML) - Delta Electronics, Inc.


AA07S Product details

The AA07S series , isolated fully encapsulated 7W AC/DC power module with 3,000VAC isolation. With Universal input voltage 85-264VAC and International safety approvals, these power modules are ideal for applications in commercial and industrial electronic equipment. These isolated AC/DC converters are the latest offering from a world leader in power systems technology and manufacturing ― Delta Electronics, Inc.

FEATURES
♦ Ultra-compact AC-DC power supp ly for PCB Mounting
♦ Over Load and Over Voltage Protection
♦ EMI meets EN55022, Class B and EMS compliance to EN61000-4
♦ Universal Input voltage range 85-264 VAC, 47-440 Hz
♦ 3kVAC Isolatoin ,Protection Class ll level
♦ UL/IEC/EN 60950-1 Certified , CE Marked
♦ Lead free, RoHs Compliant
♦ 3 Years Product Warranty




Similar Part No. - AA07S

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
AA07S0300A DELTA-AA07S0300A Datasheet
212Kb / 5P
7W Single Output AC/DC converter
AA07S0500A DELTA-AA07S0500A Datasheet
212Kb / 5P
7W Single Output AC/DC converter
AA07S1200A DELTA-AA07S1200A Datasheet
212Kb / 5P
7W Single Output AC/DC converter
AA07S1500A DELTA-AA07S1500A Datasheet
212Kb / 5P
7W Single Output AC/DC converter
AA07S2400A DELTA-AA07S2400A Datasheet
212Kb / 5P
7W Single Output AC/DC converter
More results


Similar Description - AA07S

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MPM-07S MPD-MPM-07S Datasheet
234Kb / 2P
Compact 1 x 2 Inch 7W, Single Output AC/DC Power Supplies
logo
Chinfa Electronics Ind....
FDD03U CHINFA-FDD03U Datasheet
495Kb / 8P
DC - AC CONVERTER 2~3W SINGLE & DUAL OUTPUT
logo
Make-Ps
CFM05M MAKE-PS-CFM05M Datasheet
391Kb / 2P
Single Output AC/DC Converter
PPM MAKE-PS-PPM Datasheet
209Kb / 4P
Single Output AC/DC Converter
logo
PEAK electronics GmbH
PPM03-S-05ELF PEAK-PPM03-S-05ELF Datasheet
99Kb / 3P
3 W AC/DC CONVERTER SINGLE OUTPUT
PPM05-A-05ELF PEAK-PPM05-A-05ELF Datasheet
95Kb / 4P
5 - 25 W AC/DC CONVERTER SINGLE OUTPUT
logo
Delta Electronics, Inc.
AA07S0300A DELTA-AA07S0300A Datasheet
212Kb / 5P
7W Single Output AC/DC converter
logo
Chinfa Electronics Ind....
KAS07 CHINFA-KAS07 Datasheet
173Kb / 4P
AC-DC POWER MODULE 7W SINGLE OUTPUT
logo
Minmax Technology Co., ...
ADF-07 MINMAX-ADF-07_16 Datasheet
314Kb / 3P
AC/DC Power Module 7W
logo
Wall Industries,Inc.
PSLH WALL-PSLH Datasheet
1Mb / 11P
5-25 Watts AC/DC Converter Single Output
More results




About Delta Electronics, Inc.


Delta Electronics, Inc. is a Taiwanese multinational electronics company that was founded in 1971.
The company specializes in power electronics and energy management solutions, including uninterruptible power supplies (UPS), voltage regulators, power inverters, DC brushless fans, and renewable energy solutions such as solar inverters.
Delta Electronics operates globally with a strong presence in Asia, Europe, and North America.
The company provides solutions for various industries including telecommunications, data centers, building automation, and renewable energy.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com