Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CINT1275 Datasheet (PDF) - SL Power Electronics

CINT1275 Datasheet PDF - SL Power Electronics
Part # CINT1275_14
Download  CINT1275 Download
File Size   2910.31 Kbytes
Page   9 Pages
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics
Description Up to 275W of AC-DC Power

CINT1275 Datasheet (PDF)

Go To PDF Page Download Datasheet
CINT1275 Datasheet PDF - SL Power Electronics

Part # CINT1275_14
Download  CINT1275 Click to download

File Size   2910.31 Kbytes
Page   9 Pages
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics
Description Up to 275W of AC-DC Power

CINT1275 Datasheet (HTML) - SL Power Electronics




Similar Part No. - CINT1275_14

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
CINT1275A1214K01 SLPOWER-CINT1275A1214K01 Datasheet
719Kb / 9P
A Superior performance 275 Watts AC to DC power supply designed for industrial and ITE applications.
CINT1275A1514K01 SLPOWER-CINT1275A1514K01 Datasheet
719Kb / 9P
A Superior performance 275 Watts AC to DC power supply designed for industrial and ITE applications.
More results


Similar Description - CINT1275_14

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEPR5-AZ AIMTEC-AMEPR5-AZ Datasheet
374Kb / 3P
up to 1A | AC-DC / DC-DC LED driver
AMEPR10D-AZ AIMTEC-AMEPR10D-AZ Datasheet
427Kb / 4P
up to 0.7A | AC-DC / DC-DC LED driver
AMEPR15D-AZ AIMTEC-AMEPR15D-AZ Datasheet
514Kb / 5P
up to 1A | AC-DC / DC-DC LED driver
AMEPR30D-AZ AIMTEC-AMEPR30D-AZ Datasheet
519Kb / 5P
up to 2A | AC-DC / DC-DC LED driver
AMEPR15D-AZ AIMTEC-AMEPR15D-AZ_13 Datasheet
510Kb / 5P
up to 1A | AC-DC / DC-DC LED driver
AMEPR30D-AZ AIMTEC-AMEPR30D-AZ_13 Datasheet
516Kb / 5P
up to 2A | AC-DC / DC-DC LED driver
AMEOR30C-AZ AIMTEC-AMEOR30C-AZ_16 Datasheet
853Kb / 17P
up to 2.5A | AC-DC / DC-DC LED driver
AMEPR5-AZ AIMTEC-AMEPR5-AZ_16 Datasheet
202Kb / 3P
up to 1A | AC-DC / DC-DC LED driver
AMEPR5-1630AZ AIMTEC-AMEPR5-1630AZ Datasheet
202Kb / 3P
up to 1A | AC-DC / DC-DC LED driver
logo
Vicor Corporation
PB1005AC VICOR-PB1005AC Datasheet
341Kb / 4P
AC/DC Power Supply Up to 5 Outputs 1000W
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com