Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SKTG Datasheet (PDF) - ALPS ELECTRIC CO.,LTD.

SKTG Datasheet PDF - ALPS ELECTRIC CO.,LTD.
Part # SKTG
Download  SKTG Download
File Size   798.23 Kbytes
Page   3 Pages
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.
Description Soldering of the frame realizes higher solder strength

SKTG Datasheet (PDF)

Go To PDF Page Download Datasheet
SKTG Datasheet PDF - ALPS ELECTRIC CO.,LTD.

Part # SKTG
Download  SKTG Click to download

File Size   798.23 Kbytes
Page   3 Pages
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.
Description Soldering of the frame realizes higher solder strength

SKTG Datasheet (HTML) - ALPS ELECTRIC CO.,LTD.


SKTG Product details

Side Push Type with 1.55mm Height (Surface Mount Type)

Soldering of the frame realizes higher solder strength




Similar Part No. - SKTG

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKTG ALPS-SKTG Datasheet
759Kb / 3P
1.55mm Height Side Push Mid-mount (Surface Mount Type)
SKTGLBE010 ALPS-SKTGLBE010 Datasheet
759Kb / 3P
1.55mm Height Side Push Mid-mount (Surface Mount Type)
More results


Similar Description - SKTG

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
S2080 MA-COM-S2080 Datasheet
45Kb / 2P
Moisture Effects on the Soldering of Plastic Encapsulated Devices
logo
AAEON Technology
ARM-LA0115 AAEON-ARM-LA0115 Datasheet
182Kb / 1P
SUSPA Series System Ensures The Stability Of Product And Strength Of Quality
logo
Bourns Electronic Solut...
CR0603-FX-1001-ELF BOURNS-CR0603-FX-1001-ELF Datasheet
218Kb / 5P
Suitable for all types of soldering processes
CR0402-FX-1150GLF BOURNS-CR0402-FX-1150GLF Datasheet
138Kb / 3P
Suitable for most types of soldering processes
logo
List of Unclassifed Man...
SP-301 ETC2-SP-301 Datasheet
883Kb / 1P
Solder Pots For lead-Free Soldering
logo
TDK Electronics
MLK1005S1N0ST000 TDK-MLK1005S1N0ST000 Datasheet
127Kb / 10P
With the adoption of a giga-spiral laminated structure, a self-resonant frequency higher than that of the MLG structure can be obtained,
logo
NEC
M100 NEC-M100 Datasheet
373Kb / 2P
AN ENTRY-LEVEL DEVICE WITH THE OPERABILITY AND FUNCTIONALITY OF A HIGHER CLASS
logo
Shanghai Leiditech Elec...
HL75-250F LEIDITECH-HL75-250F Datasheet
502Kb / 2P
Radial leaded devices, higher rated voltage of 75V
logo
First Silicon Co., Ltd
GBJ6A FS-GBJ6A Datasheet
247Kb / 2P
High case dielectric strength of 2500 V
logo
WECO ELECTRICAL CONNECT...
983-ML-2.8 WECO-983-ML-2.8 Datasheet
85Kb / 1P
Screw/solder connector block with soldering tags
03.19
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com