Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OM7812IH Datasheet (PDF) - International Rectifier

OM7812IH Datasheet PDF - International Rectifier
Part # OM7812IH
Download  OM7812IH Download
File Size   39.78 Kbytes
Page   4 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description ISOLATED HERMETIC TO-257AA FIXED VOLTAGE REGULATORS

OM7812IH Datasheet (PDF)

Go To PDF Page Download Datasheet
OM7812IH Datasheet PDF - International Rectifier

Part # OM7812IH
Download  OM7812IH Click to download

File Size   39.78 Kbytes
Page   4 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description ISOLATED HERMETIC TO-257AA FIXED VOLTAGE REGULATORS

OM7812IH Datasheet (HTML) - International Rectifier


OM7812IH Product details

DESCRIPTION

These three terminal positive regulators are supplied in a hermetically sealed metal package whose outline is similar to the industry standard TO-220 plastic package. All protective features are designed into the circuit including thermal shutdown, current limiting and safe-area control. With heat sinking, they can deliver over 1.5 amps of output current. These units feature internally trimmed output voltages to ±1% or ±2% of nominal voltage. Standard voltages are 5V, 12V, and 15V. However, other voltages are available up to 24 volts. These units are ideally suited for Military applications where a hermetically sealed package is required.



FEATURES

• Isolated Hermetic Package, JEDEC TO-257AA Outline

• Output Voltages: 5V, 12V, 15V (Other Voltages Available)

• Output Voltages Set Internally To ±1% or ±2%

• Built-In Thermal Overload Protection

• Short Ciruit Current Limiting

• Product Is Available Screened To OM803



 




Similar Part No. - OM7812IH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM7812SM ETC-OM7812SM Datasheet
27Kb / 2P
SURFACE MOUNT POSITIVE FIXED VOLTAGE REGULATOR
More results


Similar Description - OM7812IH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM7602 ETC-OM7602 Datasheet
35Kb / 4P
ISOLATED HERMETIC TO-257AA ADJUSTABLE VOLTAGE REGULATOR
OM7604ST ETC-OM7604ST Datasheet
44Kb / 4P
ISOLATED HERMETIC TO-257AA ADJUSTABLE VOLTAGE REGULATOR
OM7662 ETC-OM7662 Datasheet
33Kb / 4P
ISOLATED HERMETIC TO-258AA FIXED POSITIVE VOLTAGE REGULATORS
OM7611ST ETC-OM7611ST Datasheet
52Kb / 4P
ISOLATED HERMETIC TO-257AA ADJUSTABLE VOLTAGE REGULATORS
OM7900IH ETC1-OM7900IH Datasheet
57Kb / 5P
ISOLATED HERMETIC TO-257AA FIXED VOLTAGE NEGATIVE REGULATORS
OM1815STM ETC2-OM1815STM Datasheet
34Kb / 4P
ISOLATED HERMETIC TO-257AA FIXED VOLTAGE REGULATORS APPROVED TO DESC DRAWINGS
OM7608SC ETC2-OM7608SC Datasheet
32Kb / 4P
ISOLATED HERMETIC TO-258AA FIXED VOLTAGE REGULATORS
OM7662SC ETC2-OM7662SC Datasheet
40Kb / 4P
ISOLATED HERMETIC TO-258AA FIXED POSITIVE VOLTAGE REGULATORS
OM7805AIHP ETC2-OM7805AIHP Datasheet
45Kb / 4P
ISOLATED HERMETIC TO-257AA FIXED VOLTAGE REGULATORS
OM7611STM ETC2-OM7611STM Datasheet
47Kb / 4P
ISOLATED HERMETIC TO-257AA ADJUSTABLE VOLTAGE REGULATORS
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com