Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S3C1840 Datasheet (PDF) - Samsung semiconductor

S3C1840 Datasheet PDF - Samsung semiconductor
Part # S3C1840
Download  S3C1840 Download
File Size   331.77 Kbytes
Page   91 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description 4-bit single-chip CMOS microcontroller

S3C1840 Datasheet (PDF)

Go To PDF Page Download Datasheet
S3C1840 Datasheet PDF - Samsung semiconductor

Part # S3C1840
Download  S3C1840 Click to download

File Size   331.77 Kbytes
Page   91 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description 4-bit single-chip CMOS microcontroller

S3C1840 Datasheet (HTML) - Samsung semiconductor


S3C1840 Product details

DESCRIPTION

S3C1840, a 4-bit single-chip CMOS microcontroller, consists of the reliable SMCS-51 CPU core with on-chip ROM and RAM. Eight input pins and 11 output pins provide the flexibility for various I/O requirements. Auto reset circuit generates reset pulse every certain period, and every halt mode termination time. The S3C1840 microcontroller has been designed for use in small system control applications that require a low-power, cost - sensitive design solution. In addition, the S3C1840 has been optimized for remote control transmitter.



FEATURES

ROM Size

· 1,024 bytes



RAM Size

· 32 nibbles



Instruction Set

· 39 instructions



Instruction Cycle Time

· 13.2  msec at fxx = 455 kHz



Input Ports

· Two 4-bit ports (24 pins)/one 4-bit port, one 2-bit ports (20 pins)



Output Ports

· One 4-bit port, seven 1-bit ports (24 pins)/one 4-bit port, five1-bit ports (20 pins)



Built-in Oscillator

· Crystal/ceramic resonator

Built-in Reset Circuit

· Built-in Power-on reset and auto reset circuit for generating reset pulse every 131072/fxx (288 ms at fxx = 455 kHz)



Four Transmission Frequencies

· fxx/12 (1/4 duty), fxx/12 (1/3 duty), fxx/8 (1/2 duty), and no-carrier frequency



Supply Voltage

· 1.8 V-3.6 V (250 kHz ≤ fOSC ≤ 3.9 MHz)

  2.2 V-3.6 V (3.9 MHz < fOSC ≤ 6 MHz)



Power Consumption

· Halt mode: 1 mA (maxium)

· Normal mode: 0.5 mA (typical)



Operating temperature

· – 20 °C to 85 °C



Package Type

· 24 SOP, 20 DIP, 20 SOP



Oscillator Frequency divide select

· Mask Option: fxx = fOSC or fOSC/8




Similar Part No. - S3C1840

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
S3C DIOTECH-S3C Datasheet
716Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER
logo
Galaxy Semi-Conductor H...
S3C BILIN-S3C Datasheet
216Kb / 3P
SURFACEMOUNTRECTIFIERS
logo
Weidmuller
S3C2.5 WEIDMULLER-S3C2.5 Datasheet
386Kb / 21P
FEED-THROUGH TERMINAL BLOCK, SNA
03.02.2023
S3C2.5BL WEIDMULLER-S3C2.5BL Datasheet
386Kb / 21P
FEED-THROUGH TERMINAL BLOCK, SNA
03.02.2023
S3C2.5PE WEIDMULLER-S3C2.5PE Datasheet
390Kb / 20P
PE TERMINAL, SNAP IN, 2.5 MM, 80
03.02.2023
More results


Similar Description - S3C1840

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5840 OKI-MSM5840 Datasheet
571Kb / 11P
CMOS 4-BIT SINGLE CHIP MICROCONTROLLER
logo
Samsung semiconductor
KS51840 SAMSUNG-KS51840 Datasheet
20Kb / 3P
4-bit single-chip CMOS microcontroller
logo
Epson Company
S1C6F016 EPSON-S1C6F016 Datasheet
121Kb / 2P
CMOS 4-bit Single Chip Microcontroller
S1C63004 EPSON-S1C63004 Datasheet
104Kb / 2P
CMOS 4-bit Single Chip Microcontroller
S1C63008 EPSON-S1C63008 Datasheet
119Kb / 2P
CMOS 4-bit Single Chip Microcontroller
S1C63016 EPSON-S1C63016 Datasheet
119Kb / 2P
CMOS 4-bit Single Chip Microcontroller
S1C63653 EPSON-S1C63653 Datasheet
93Kb / 6P
CMOS 4-bit Single Chip Microcontroller
S1C63657 EPSON-S1C63657 Datasheet
96Kb / 6P
CMOS 4-bit Single Chip Microcontroller
S1C63003 EPSON-S1C63003 Datasheet
169Kb / 2P
CMOS 4-bit Single Chip Microcontroller
logo
Samsung semiconductor
KS51850 SAMSUNG-KS51850 Datasheet
639Kb / 106P
4-bit single-chip CMOS microcontroller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com