Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA2411DH Datasheet (PDF) - NXP Semiconductors

SA2411DH Datasheet PDF - NXP Semiconductors
Part # SA2411DH
Download  SA2411DH Download
File Size   117.17 Kbytes
Page   17 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 20 dBm single chip linear amplifier for WLAN

SA2411DH Datasheet (PDF)

Go To PDF Page Download Datasheet
SA2411DH Datasheet PDF - NXP Semiconductors

Part # SA2411DH
Download  SA2411DH Click to download

File Size   117.17 Kbytes
Page   17 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 20 dBm single chip linear amplifier for WLAN

SA2411DH Datasheet (HTML) - NXP Semiconductors


SA2411DH Product details

DESCRIPTION
The SA2411 is a linear power amplifier designed for WLAN application in the 2.4 GHz band. Together with the SA2400A the chips form a complete 802.11b transceiver. The SA2411 is a Si power amplifier with integrated matching and power level detector.

FEATURES
• 75 Ω + 25j Ω differential inputs, internally matched
• 50 Ω single-ended output, internally matched
• 15 dB gain block
• Power detector
• Bias adjust pin
• 18% efficiency at 3 V
• RF matching for SA2400A

 APPLICATIONS
• IEEE 802.11 and 802.11b radios
• Supports DSSS and CCK modulation
• Supports data rates: 1, 2, 5.5, and 11 Mbps
• 2.45 GHz ISM band wireless communication devices




Similar Part No. - SA2411DH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA2410 PHILIPS-SA2410 Datasheet
47Kb / 6P
2.45GHz RF power amplifier and T/R switch
1997 Sep 09
More results


Similar Description - SA2411DH

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RMPA5255 FAIRCHILD-RMPA5255 Datasheet
788Kb / 7P
4.9-5.9 GHz WLAN Linear Power Amplifier Module
logo
Transcom, Inc.
TA100-160-32-20 TRANSCOM-TA100-160-32-20 Datasheet
17Kb / 1P
10 - 16GHz 20 dBm Amplifier
TA060-180-28-20 TRANSCOM-TA060-180-28-20 Datasheet
18Kb / 1P
6 - 18GHz 20 dBm Amplifier
logo
Pasternack Enterprises,...
PE15A6008 PASTERNACK-PE15A6008 Datasheet
513Kb / 7P
Amplifier, -20 to 20 dBm Pin, SMA
PE15A6012 PASTERNACK-PE15A6012 Datasheet
512Kb / 7P
Amplifier, -20 to 20 dBm Pin, SMA
logo
Transcom, Inc.
TA005-025-25-20 TRANSCOM-TA005-025-25-20 Datasheet
39Kb / 1P
0.5 - 2.5 GHz 20 dBm Amplifier
logo
Skyworks Solutions Inc.
RFX240 SKYWORKS-RFX240 Datasheet
916Kb / 6P
2.4GHz High Power 802.11n WLAN Linear Power Amplifier
RFX242 SKYWORKS-RFX242 Datasheet
810Kb / 6P
2.4GHz High Power 802.11ac WLAN Linear Power Amplifier
logo
Broadcom Corporation.
DEMO-MGA-565P8 BOARDCOM-DEMO-MGA-565P8 Datasheet
312Kb / 12P
20 dBm Psat High Isolation Buffer Amplifier
logo
Skyworks Solutions Inc.
SKY85408-11 SKYWORKS-SKY85408-11 Datasheet
153Kb / 2P
High-Power (23 dBm) 802.11ax Ultra-Linear WLAN Power Amplifier with Integrated Power Detector
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com