Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR1045CT Datasheet (PDF) - MORE Semiconductor Company Limited

MBR1045CT Datasheet PDF - MORE Semiconductor Company Limited
Part # MBR1045CT
Download  MBR1045CT Download
File Size   550.7 Kbytes
Page   2 Pages
Manufacturer  MORESEMI [MORE Semiconductor Company Limited]
Direct Link  http://www.moresemi.com/
Logo MORESEMI - MORE Semiconductor Company Limited
Description 10A Schottky Barrier Rectifiers

MBR1045CT Datasheet (PDF)

Go To PDF Page Download Datasheet
MBR1045CT Datasheet PDF - MORE Semiconductor Company Limited

Part # MBR1045CT
Download  MBR1045CT Click to download

File Size   550.7 Kbytes
Page   2 Pages
Manufacturer  MORESEMI [MORE Semiconductor Company Limited]
Direct Link  http://www.moresemi.com/
Logo MORESEMI - MORE Semiconductor Company Limited
Description 10A Schottky Barrier Rectifiers

MBR1045CT Datasheet (HTML) - MORE Semiconductor Company Limited


MBR1045CT Product details

FEATURES
• Metal of silicon rectifier,majority carrier conducton
• Guard ring for transient protection
• Low power loss, high efficiency
• High current capability, low VF
• High surge capacity
• Plastic package has UL flammability
   classification 94V-0

MECHANICAL DATA
• Case :TO-220 molded plastic
• Polarity : As marked on the body
• Mounting position : Any




Similar Part No. - MBR1045CT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBR1045CT DIODES-MBR1045CT Datasheet
64Kb / 2P
10A SCHOTTKY BARRIER RECTIFIER
DS30027 Rev. A-2
logo
Micro Commercial Compon...
MBR1045CT MCC-MBR1045CT Datasheet
647Kb / 2P
10 Am p Schott ky Barrier Rectifier 30-60 Volts
logo
Diodes Incorporated
MBR1045CT DIODES-MBR1045CT Datasheet
77Kb / 2P
10A SCHOTTKY BARRIER RECTIFIER
DS30027 Rev. 2 - 2
logo
Taiwan Semiconductor Co...
MBR1045CT TSC-MBR1045CT Datasheet
99Kb / 2P
10.0 AMPS. Schottky Barrier Rectifiers
MBR1045CT TSC-MBR1045CT Datasheet
169Kb / 2P
10.0 AMPS. Schottky Barrier Rectifiers
More results


Similar Description - MBR1045CT

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SM10150D1 SECOS-SM10150D1 Datasheet
105Kb / 2P
10A Schottky Barrier Rectifiers
logo
Frontier Electronics.
SRF10-03 FRONTIER-SRF10-03 Datasheet
126Kb / 2P
10A SCHOTTKY BARRIER RECTIFIERS
SRF10-03-LFR FRONTIER-SRF10-03-LFR Datasheet
125Kb / 2P
10A SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM10100DS1 SECOS-SM10100DS1_15 Datasheet
205Kb / 2P
10A Schottky Barrier Rectifiers
SM10150D SECOS-SM10150D_15 Datasheet
489Kb / 2P
10A Schottky Barrier Rectifiers
SM10200D SECOS-SM10200D_15 Datasheet
249Kb / 2P
10A Schottky Barrier Rectifiers
logo
Frontier Electronics.
F10S45-THRU-F10S50 FRONTIER-F10S45-THRU-F10S50 Datasheet
499Kb / 2P
10A SCHOTTKY BARRIER RECTIFIERS
logo
MORE Semiconductor Comp...
MBR10100CT MORESEMI-MBR10100CT Datasheet
590Kb / 2P
10A Schottky Barrier Rectifiers
MBR10200CT MORESEMI-MBR10200CT Datasheet
692Kb / 2P
10A Schottky Barrier Rectifiers
logo
Pan Jit International I...
MBR10100FAT PANJIT-MBR10100FAT Datasheet
198Kb / 4P
10A SCHOTTKY BARRIER RECTIFIERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com