Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR2045CT Datasheet (PDF) - MORE Semiconductor Company Limited

MBR2045CT Datasheet PDF - MORE Semiconductor Company Limited
Part # MBR2045CT
Download  MBR2045CT Download
File Size   654.61 Kbytes
Page   2 Pages
Manufacturer  MORESEMI [MORE Semiconductor Company Limited]
Direct Link  http://www.moresemi.com/
Logo MORESEMI - MORE Semiconductor Company Limited
Description 20A Schottky Barrier Rectifiers

MBR2045CT Datasheet (PDF)

Go To PDF Page Download Datasheet
MBR2045CT Datasheet PDF - MORE Semiconductor Company Limited

Part # MBR2045CT
Download  MBR2045CT Click to download

File Size   654.61 Kbytes
Page   2 Pages
Manufacturer  MORESEMI [MORE Semiconductor Company Limited]
Direct Link  http://www.moresemi.com/
Logo MORESEMI - MORE Semiconductor Company Limited
Description 20A Schottky Barrier Rectifiers

MBR2045CT Datasheet (HTML) - MORE Semiconductor Company Limited


MBR2045CT Product details

FEATURES
• Metal of silicon rectifier,majority carrier conducton
• Guard ring for transient protection
• Low power loss, high efficiency
• High current capability, low VF
• High surge capacity
• Plastic package has UL flammability
   classification 94V-0

MECHANICAL DATA
• Case :TO-220 molded plastic
• Polarity : As marked on the body
• Mounting position : Any




Similar Part No. - MBR2045CT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBR2045CT MOTOROLA-MBR2045CT Datasheet
135Kb / 6P
SWITCHMODE?? Power Rectifiers
logo
Diodes Incorporated
MBR2045CT DIODES-MBR2045CT Datasheet
65Kb / 2P
20A SCHOTTKY BARRIER RECTIFIER
DS23016 Rev. G-2
logo
General Semiconductor
MBR2045CT GE-MBR2045CT Datasheet
81Kb / 2P
SCHOTTKY RECTIFIER
logo
Micro Commercial Compon...
MBR2045CT MCC-MBR2045CT Datasheet
67Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Fairchild Semiconductor
MBR2045CT FAIRCHILD-MBR2045CT Datasheet
53Kb / 3P
Schottky Rectifiers
More results


Similar Description - MBR2045CT

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SM20200D SECOS-SM20200D Datasheet
308Kb / 2P
20A Schottky Barrier Rectifiers
SM20150D SECOS-SM20150D_15 Datasheet
242Kb / 2P
20A Schottky Barrier Rectifiers
SM20200D SECOS-SM20200D_15 Datasheet
205Kb / 2P
20A Schottky Barrier Rectifiers
logo
Frontier Electronics.
MBR2040CT FRONTIER-MBR2040CT Datasheet
528Kb / 2P
20A SCHOTTKY BARRIER RECTIFIERS
F20S45-THRU-F20S50 FRONTIER-F20S45-THRU-F20S50 Datasheet
497Kb / 2P
20A SCHOTTKY BARRIER RECTIFIERS
logo
MORE Semiconductor Comp...
MBR2045FCT MORESEMI-MBR2045FCT Datasheet
710Kb / 2P
20A Schottky Barrier Rectifiers
MBR20100CT MORESEMI-MBR20100CT Datasheet
770Kb / 2P
20A Schottky Barrier Rectifiers
MBR20100FCT MORESEMI-MBR20100FCT Datasheet
694Kb / 2P
20A Schottky Barrier Rectifiers
MBR20150CT MORESEMI-MBR20150CT Datasheet
864Kb / 2P
20A Schottky Barrier Rectifiers
MBR20150FCT MORESEMI-MBR20150FCT Datasheet
774Kb / 2P
20A Schottky Barrier Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com