Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR3045CT Datasheet (PDF) - MORE Semiconductor Company Limited

MBR3045CT Datasheet PDF - MORE Semiconductor Company Limited
Part # MBR3045CT
Download  MBR3045CT Download
File Size   755.59 Kbytes
Page   2 Pages
Manufacturer  MORESEMI [MORE Semiconductor Company Limited]
Direct Link  http://www.moresemi.com/
Logo MORESEMI - MORE Semiconductor Company Limited
Description 30A Schottky Barrier Rectifiers

MBR3045CT Datasheet (PDF)

Go To PDF Page Download Datasheet
MBR3045CT Datasheet PDF - MORE Semiconductor Company Limited

Part # MBR3045CT
Download  MBR3045CT Click to download

File Size   755.59 Kbytes
Page   2 Pages
Manufacturer  MORESEMI [MORE Semiconductor Company Limited]
Direct Link  http://www.moresemi.com/
Logo MORESEMI - MORE Semiconductor Company Limited
Description 30A Schottky Barrier Rectifiers

MBR3045CT Datasheet (HTML) - MORE Semiconductor Company Limited


MBR3045CT Product details

FEATURES
• Metal of silicon rectifier,majority carrier conducton
• Guard ring for transient protection
• Low power loss, high efficiency
• High current capability, low VF
• High surge capacity
• Plastic package has UL flammability
   classification 94V-0

MECHANICAL DATA
• Case :TO-220 molded plastic
• Polarity : As marked on the body
• Mounting position : Any




Similar Part No. - MBR3045CT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR3045CT MCC-MBR3045CT Datasheet
134Kb / 2P
30 Amp Rectifier 30 to 60 Volts Schottky Barrier
logo
Microsemi Corporation
MBR3045CT MICROSEMI-MBR3045CT Datasheet
131Kb / 2P
30 AMP SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
MBR3045CT VISHAY-MBR3045CT Datasheet
46Kb / 3P
Dual Schottky Rectifiers
02-Oct-02
logo
List of Unclassifed Man...
MBR3045CT ETC1-MBR3045CT Datasheet
88Kb / 2P
High Tjm Schottky Barrier Diodes
logo
Taiwan Semiconductor Co...
MBR3045CT TSC-MBR3045CT Datasheet
101Kb / 2P
30.0 AMPS. Schottky Barrier Rectifiers
More results


Similar Description - MBR3045CT

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SM3060D SECOS-SM3060D Datasheet
308Kb / 2P
30A Schottky Barrier Rectifiers
SM30100D SECOS-SM30100D Datasheet
300Kb / 2P
30A Schottky Barrier Rectifiers
SM30200D SECOS-SM30200D Datasheet
298Kb / 2P
30A Schottky Barrier Rectifiers
SM3060D SECOS-SM3060D_15 Datasheet
244Kb / 2P
30A Schottky Barrier Rectifiers
SM30100D SECOS-SM30100D_15 Datasheet
251Kb / 2P
30A Schottky Barrier Rectifiers
SM30200D SECOS-SM30200D_15 Datasheet
236Kb / 2P
30A Schottky Barrier Rectifiers
logo
MORE Semiconductor Comp...
MBR3045FCT MORESEMI-MBR3045FCT Datasheet
930Kb / 2P
30A Schottky Barrier Rectifiers
MBR30100FCT MORESEMI-MBR30100FCT Datasheet
785Kb / 2P
30A Schottky Barrier Rectifiers
MBR30150CT MORESEMI-MBR30150CT Datasheet
955Kb / 2P
30A Schottky Barrier Rectifiers
MBR30150FCT MORESEMI-MBR30150FCT Datasheet
858Kb / 2P
30A Schottky Barrier Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com