Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM1876T Datasheet (PDF) - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
LM1876T Datasheet PDF - National Semiconductor (TI)
Part # LM1876T
Download  LM1876T Download
File Size   593.5 Kbytes
Page   16 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description Overture??Audio Power Amplifier Series Dual 20W Audio Power Amplifier with Mute and Standby Modes

LM1876T Datasheet (PDF)

Go To PDF Page Download Datasheet
LM1876T Datasheet PDF - National Semiconductor (TI)

Part # LM1876T
Download  LM1876T Click to download

File Size   593.5 Kbytes
Page   16 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description Overture??Audio Power Amplifier Series Dual 20W Audio Power Amplifier with Mute and Standby Modes

LM1876T Datasheet (HTML) - National Semiconductor (TI)




Similar Part No. - LM1876T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM1876T TI1-LM1876T Datasheet
1Mb / 27P
Audio Power Amplifier Series
LM1876T/NOPB TI1-LM1876T/NOPB Datasheet
1Mb / 27P
Audio Power Amplifier Series
LM1876TF TI1-LM1876TF Datasheet
1Mb / 27P
Audio Power Amplifier Series
LM1876TF/NOPB TI1-LM1876TF/NOPB Datasheet
1Mb / 27P
Audio Power Amplifier Series
LM1876TF/NOPB TI2-LM1876TF/NOPB Datasheet
1Mb / 26P
LM1876 Overture™ Audio Power Amplifier Series Dual 20W Audio Power Amplifier with Mute and Standby Modes
REVISED APRIL 2013
More results


Similar Description - LM1876T

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4700 NSC-LM4700 Datasheet
529Kb / 15P
Overture??Audio Power Amplifier Series 30W Audio Power Amplifier with Mute and Standby Modes
LM4701 NSC-LM4701 Datasheet
541Kb / 15P
LM4701 Overture??Audio Power Amplifier Series 30W Audio Power Amplifier with Mute and Standby Modes
LM4765 NSC-LM4765 Datasheet
536Kb / 15P
Audio Power Amplifier Series Dual 30W Audio Power Amplifier with Mute and Standby Modes
LM4731 NSC-LM4731 Datasheet
640Kb / 16P
Stereo 25W Audio Power Amplifier with Mute and Standby Modes
LM4730 NSC-LM4730 Datasheet
643Kb / 17P
Stereo 14W Audio Power Amplifier with Mute and Standby Modes
LM1876 NSC-LM1876_03 Datasheet
696Kb / 20P
Dual 20W Audio Power Amplifier with Mute and Standby Modes
LM4782 NSC-LM4782_06 Datasheet
1Mb / 27P
Overture Audio Power Amplifier Series 3 Channel 25W Audio Power Amplifier with Mute and Standby
logo
Texas Instruments
LM4734 TI1-LM4734_14 Datasheet
1Mb / 28P
3 Channel 20W Audio Power Amplifier with Mute and Standby
LM4766 TI-LM4766_15 Datasheet
955Kb / 23P
Overture Audio Power Amplifier Series Dual 40W Audio Power Amplifier with Mute
LM4765 TI1-LM4765 Datasheet
817Kb / 24P
LM4765 Overture??Audio Power Amplifier Series Dual 30W Audio Power Amplifier with Mute and Standby Modes
More results




About National Semiconductor (TI)


National Semiconductor was an American semiconductor company that was founded in 1959.
The company was known for its innovations in the field of analog and mixed-signal integrated circuits and was a leading supplier of power management and data conversion products.
National Semiconductor's products were used in a variety of applications including consumer electronics, industrial, automotive, and telecommunications.
The company was acquired by Texas Instruments in 2011 and its products and technologies continue to be developed and sold under the Texas Instruments brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com