Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACA-102-T Datasheet (PDF) - Abracon Corporation

ACA-102-T Datasheet PDF - Abracon Corporation
Part # ACA-102-T
Download  ACA-102-T Download
File Size   1408.53 Kbytes
Page   3 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description WiFi / Bluetooth Chip Antenna 2400 ~ 2485 MHz

ACA-102-T Datasheet (PDF)

Go To PDF Page Download Datasheet
ACA-102-T Datasheet PDF - Abracon Corporation

Part # ACA-102-T
Download  ACA-102-T Click to download

File Size   1408.53 Kbytes
Page   3 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description WiFi / Bluetooth Chip Antenna 2400 ~ 2485 MHz

ACA-102-T Datasheet (HTML) - Abracon Corporation




Similar Part No. - ACA-102-T

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ACA-101-T ABRACON-ACA-101-T Datasheet
1Mb / 3P
WiFi / Bluetooth Chip Antenna 2400 ~ 2485MHz
10.03.13
ACA-103-T ABRACON-ACA-103-T Datasheet
1Mb / 4P
Bluetooth / WiFi / Dual Band Chip Antenna 2.4 ~ 5.4GHz
10.03.13
ACA-104-T ABRACON-ACA-104-T Datasheet
1Mb / 3P
GPS Chip Antenna 1575.00MHz
10.03.13
ACA-105-T ABRACON-ACA-105-T Datasheet
1Mb / 5P
Surface Mount Multiband Chip Antenna 490 / 783 / 868 & 915MHz
10.06.14
ACA-106-T ABRACON-ACA-106-T Datasheet
1Mb / 4P
BEIDOU / GPS / GNSS Chip Antenna
10.06.14
More results


Similar Description - ACA-102-T

ManufacturerPart #DatasheetDescription
logo
Unictron Technologies C...
H2U34WGTQW0100 UNICTRON-H2U34WGTQW0100 Datasheet
784Kb / 11P
3.2x1.6x0.5 WiFi/Bluetooth Ceramic Chip Antenna (AA055)
logo
Abracon Corporation
ACA-101-T ABRACON-ACA-101-T Datasheet
1Mb / 3P
WiFi / Bluetooth Chip Antenna 2400 ~ 2485MHz
10.03.13
ACA-103-T ABRACON-ACA-103-T Datasheet
1Mb / 4P
Bluetooth / WiFi / Dual Band Chip Antenna 2.4 ~ 5.4GHz
10.03.13
logo
Unictron Technologies C...
H2U34W1H1Z0400 UNICTRON-H2U34W1H1Z0400 Datasheet
1Mb / 19P
WiFi/Bluetooth Ceramic Chip Antenna
logo
Abracon Corporation
ACAG0301-24505500-EVB ABRACON-ACAG0301-24505500-EVB Datasheet
1Mb / 4P
Dualband WiFi/Bluetooth Chip Antenna Evaluation Board
08-20-19
logo
TE Connectivity Ltd
2195765-1 TEC-2195765-1 Datasheet
4Mb / 5P
1570-1580, 2400-2500 MHz GPS/WiFi BAND ANTENNA
logo
Pulse A Technitrol Comp...
W3300 PULSE-W3300 Datasheet
1Mb / 6P
Bluetooth / WLAN / WiFi Antenna Ceramic Chip Antenna (ground cleared under antenna)
logo
Maxtena Inc.
MEA-2400-SMA MAXTENA-MEA-2400-SMA Datasheet
737Kb / 3P
WIFI/BLUETOOTH/ISM ANTENNA
REV A
logo
Suzhou Maswell Communic...
AN_W_CA_3216_P01 MASWELL-AN_W_CA_3216_P01 Datasheet
677Kb / 7P
Maswell WiFi/Bluetooth Chip Antenna
AN_W_CA_5020_M01 MASWELL-AN_W_CA_5020_M01 Datasheet
573Kb / 7P
Maswell WiFi/Bluetooth Chip Antenna
More results




About Abracon Corporation


Abracon Corporation is a global manufacturer of frequency control, signal conditioning, and magnetic components. The company was founded in 1992 and is headquartered in Austin, Texas. Abracon offers a wide range of products, including quartz crystals, MEMS oscillators, resonators, filters, and antennas. These components are used in a variety of applications, including telecommunications, automotive, industrial, consumer electronics, and Internet of Things (IoT) devices.

Abracon is known for its commitment to quality and innovation. The company has won numerous awards for its products and services, including Supplier of the Year awards from several major electronics manufacturers. Abracon's products are available through a global network of distributors and sales representatives. The company also offers custom design and engineering services to meet the specific needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com