Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MABA-011031 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MABA-011031 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MABA-011031
Download  MABA-011031 Download
File Size   658.52 Kbytes
Page   5 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Transformer, 1:1 Transmission Line 5MHz - 1200MHz

MABA-011031 Datasheet (PDF)

Go To PDF Page Download Datasheet
MABA-011031 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MABA-011031
Download  MABA-011031 Click to download

File Size   658.52 Kbytes
Page   5 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Transformer, 1:1 Transmission Line 5MHz - 1200MHz

MABA-011031 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.




Similar Part No. - MABA-011031

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MABA-011030 MA-COM-MABA-011030 Datasheet
813Kb / 5P
Transformer, 1:1 Transmission Line 46MHz - 1002MHz
MABA-011032 MA-COM-MABA-011032 Datasheet
642Kb / 5P
Transformer, 1:3 40 MHz - 1000MHz
MABA-011037 MA-COM-MABA-011037 Datasheet
554Kb / 4P
Tape and reel packaging available
MABA-011038 MA-COM-MABA-011038 Datasheet
824Kb / 6P
1:3 Step up Flux Coupled Balun Transformer
MABA-011039 MA-COM-MABA-011039 Datasheet
782Kb / 6P
Excellent temperature stability
More results


Similar Description - MABA-011031

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MABACT0069 MACOM-MABACT0069 Datasheet
79Kb / 3P
1:1 Transmission Line Transformer with tertiary winding 50-1200MHz
MABACT0051 MACOM-MABACT0051 Datasheet
76Kb / 3P
Broadband CATV 1:1 Transmission Line Transformer 50-1200MHz
MABACT0060 MACOM-MABACT0060 Datasheet
76Kb / 3P
1:1 Transmission Line Transformer 5-1200MHz
MABACT0043 MACOM-MABACT0043 Datasheet
161Kb / 3P
1:1 Transmission Line Transformer 5-1200MHz
logo
M/A-COM Technology Solu...
MABACT0060 MA-COM-MABACT0060 Datasheet
76Kb / 3P
1:1 Transmission Line Transformer 5-1200MHz
MABACT0069 MA-COM-MABACT0069 Datasheet
72Kb / 3P
1:1 Transmission Line Transformer with tertiary winding 50-1200MHz
MABA-007681-CT2010 MA-COM-MABA-007681-CT2010 Datasheet
108Kb / 3P
2:1 Transmission Line Balun Transformer 5 - 1200MHz
MABAES0032 MA-COM-MABAES0032 Datasheet
114Kb / 3P
Transformer, 1:1 Transmission Line Transformer
MABA-009691-CT1881 MA-COM-MABA-009691-CT1881 Datasheet
95Kb / 3P
Transformer, 1:1 Transmission Line Transformer
MABA-007327-CT1A40 MA-COM-MABA-007327-CT1A40_15 Datasheet
180Kb / 4P
Transformer, 1:1 Transmission Line Transformer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com