Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML7029 Datasheet (PDF) - LAPIS Semiconductor Co., Ltd.

ML7029 Datasheet PDF - LAPIS Semiconductor Co., Ltd.
Part # ML7029
Download  ML7029 Download
File Size   362.69 Kbytes
Page   29 Pages
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.
Description Multifunction ADPCM CODEC

ML7029 Datasheet (PDF)

Go To PDF Page Download Datasheet
ML7029 Datasheet PDF - LAPIS Semiconductor Co., Ltd.

Part # ML7029
Download  ML7029 Click to download

File Size   362.69 Kbytes
Page   29 Pages
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.
Description Multifunction ADPCM CODEC

ML7029 Datasheet (HTML) - LAPIS Semiconductor Co., Ltd.


ML7029 Product details

GENERAL DESCRIPTION
The ML7029 is a single channel ADPCM CODEC IC which performs mutual transcoding between the analog voice band signal and 32 kbps ADPCM serial data.

FEATURES
● Single 3 V Power Supply Operation (VDD: 2.7 to 3.6 V)
● ADPCM Algorithm: ITU-T G.726 (32 kbps, 24 kbps, 16 kbps)
● Full-Duplex Transmit/Receive Operation
● Transmit/Receive Synchronous Mode Only
● PCM Data Format: μ-law
● Serial PCM/ADPCM Transmission Data Rate: 64 kbps to 2048 kbps (when SYNC = 8 kHz)
● Low Power Consumption
   Operating Mode: 18 mW Typ. (VDD = 3.0 V, SYNC = 8 kHz)
   Power-Down Mode: 0.03 mW Typ. (VDD = 3.0 V, SYNC = 8 kHz)
● Sampling Frequency: 6 kHz to 21 kHz selectable (However, there are limitations to 16 kHz or higher frequencies)
● Master Clock Frequency: Sampling frequency  1296
                                       When SYNC = 8 kHz: 10.368 MHz
● Transmit/Receive Mute, Transmit/Receive Programmable Gain Control
● Side Tone Path with Programmable Attenuation (8-Step Level Adjustment)
● Serial MCU Interface Control
● Package:
   30-pin plastic SSOP (SSOP30-P-56-0.65-K) (ML7029)




Similar Part No. - ML7029

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML7029 OKI-ML7029 Datasheet
163Kb / 29P
Multifunction ADPCM CODEC
logo
List of Unclassifed Man...
ML7029 ETC2-ML7029 Datasheet
366Kb / 29P
Multifunction ADPCM CODEC
More results


Similar Description - ML7029

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7540 OKI-MSM7540 Datasheet
156Kb / 16P
Single Rail ADPCM CODEC
MSM7540L OKI-MSM7540L Datasheet
131Kb / 15P
Single Rail ADPCM CODEC
MSM7570-01 OKI-MSM7570-01 Datasheet
173Kb / 26P
Multi-Function ADPCM CODEC
MSM7590L-01 OKI-MSM7590L-01 Datasheet
173Kb / 26P
Multi-Function ADPCM CODEC
logo
ELAN Microelectronics C...
EM77565 EMC-EM77565 Datasheet
318Kb / 25P
ADPCM WITH PCM CODEC
logo
OKI electronic componet...
ML7029 OKI-ML7029 Datasheet
163Kb / 29P
Multifunction ADPCM CODEC
logo
List of Unclassifed Man...
VS1103B ETC2-VS1103B Datasheet
559Kb / 61P
MIDI/ADPCM AUDIO CODEC
ML7029 ETC2-ML7029 Datasheet
366Kb / 29P
Multifunction ADPCM CODEC
logo
Motorola, Inc
MC14LC5540 MOTOROLA-MC14LC5540 Datasheet
193Kb / 18P
ADPCM Codec
MC145540 MOTOROLA-MC145540 Datasheet
854Kb / 116P
ADPCM Codec
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com