Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC1003 Datasheet (PDF) - Exar Corporation

CLC1003 Datasheet PDF - Exar Corporation
Part # CLC1003
Download  CLC1003 Download
File Size   1087.31 Kbytes
Page   17 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description Low Distortion, Low Offset, RRIO Amplifier

CLC1003 Datasheet (PDF)

Go To PDF Page Download Datasheet
CLC1003 Datasheet PDF - Exar Corporation

Part # CLC1003
Download  CLC1003 Click to download

File Size   1087.31 Kbytes
Page   17 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description Low Distortion, Low Offset, RRIO Amplifier

CLC1003 Datasheet (HTML) - Exar Corporation


CLC1003 Product details

General Description
The CLC1003 is a single channel, high-performance, voltage feedback amplifer with near precision performance, low input voltage noise, and ultra low distortion. The CLC1003 offers 1mV maximum input offset voltage, 3.5nV/√Hz broadband input voltage noise, and 0.00005% THD at 1kHz.

FEATURES
■ 1mV maximum input offset voltage
■ 0.00005% THD at 1kHz
■ 5.3nV/√Hz input voltage noise > 10kHz
■ -90dB/-85dB HD2/HD3 at 100kHz, RL = 100Ω
■ <-100dB HD2 and HD3 at 10kHz, RL = 1kΩ
■ Rail-to-rail input and output
■ 55MHz unity gain bandwidth
■ 12V/μs slew rate
■ +80mA, -55mA output current
■ -40°C to +125°C operating temperature range
■ Fully specifed at 3 and ±5V supplies
■ CLC1003: ROHS compliant TSOT-5, SOIC-8 package options

APPLICATIONS
■ Active flters
■ Sensor interface
■ HIgh-speed transducer amp
■ Medical instrumentation
■ Probe equipment
■ Test equipment
■ Smoke detectors
■ Hand-held analytic instruments
■ Current sense applications




Similar Part No. - CLC1003

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
CLC1003 CADEKA-CLC1003 Datasheet
1Mb / 16P
Low Distortion, Low Offset, RRIO Amplifier
CLC1003ASO8 CADEKA-CLC1003ASO8 Datasheet
1Mb / 16P
Low Distortion, Low Offset, RRIO Amplifier
CLC1003ASO8X CADEKA-CLC1003ASO8X Datasheet
1Mb / 16P
Low Distortion, Low Offset, RRIO Amplifier
CLC1003AST5X CADEKA-CLC1003AST5X Datasheet
1Mb / 16P
Low Distortion, Low Offset, RRIO Amplifier
CLC1003ISO8 CADEKA-CLC1003ISO8 Datasheet
1Mb / 16P
Low Distortion, Low Offset, RRIO Amplifier
More results


Similar Description - CLC1003

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA103 BURR-BROWN-INA103 Datasheet
297Kb / 12P
Low Noise, Low Distortion INSTRUMENTATION AMPLIFIER
INA163 BURR-BROWN-INA163 Datasheet
250Kb / 11P
Low-Noise, Low-Distortion INSTRUMENTATION AMPLIFIER
logo
National Semiconductor ...
OP-07 NSC-OP-07 Datasheet
124Kb / 6P
Low Offset, Low Drift Operational Amplifier
logo
Burr-Brown (TI)
INA103 BURR-BROWN-INA103_07 Datasheet
282Kb / 14P
Low Noise, Low Distortion INSTRUMENTATION AMPLIFIER
INA163 BURR-BROWN-INA163_06 Datasheet
249Kb / 11P
Low-Noise, Low-Distortion INSTRUMENTATION AMPLIFIER
logo
List of Unclassifed Man...
AMP771 ETC2-AMP771 Datasheet
65Kb / 2P
Low Offset RRO Operational Amplifier
logo
Cadeka Microcircuits LL...
CLC1003 CADEKA-CLC1003 Datasheet
1Mb / 16P
Low Distortion, Low Offset, RRIO Amplifier
logo
Texas Instruments
OP-07 TI1-OP-07 Datasheet
373Kb / 8P
Low Offset, Low Drift Operational Amplifier
INA103AG TI1-INA103AG Datasheet
785Kb / 17P
Low Noise, Low Distortion INSTRUMENTATION AMPLIFIER
logo
Exar Corporation
CLC2023 EXAR-CLC2023 Datasheet
1Mb / 18P
Dual, Low Distortion, Low Offset, RRIO Amplifier
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com