Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC1004 Datasheet (PDF) - Exar Corporation

CLC1004 Datasheet PDF - Exar Corporation
Part # CLC1004
Download  CLC1004 Download
File Size   1483.89 Kbytes
Page   20 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description Single and Triple, 750MHz Amplifiers with Disable

CLC1004 Datasheet (PDF)

Go To PDF Page Download Datasheet
CLC1004 Datasheet PDF - Exar Corporation

Part # CLC1004
Download  CLC1004 Click to download

File Size   1483.89 Kbytes
Page   20 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description Single and Triple, 750MHz Amplifiers with Disable

CLC1004 Datasheet (HTML) - Exar Corporation




Similar Part No. - CLC1004

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
CLC1004 CADEKA-CLC1004 Datasheet
2Mb / 20P
Single and Triple, 750MHz Amplifiers with Disable
CLC1004IST6 CADEKA-CLC1004IST6 Datasheet
2Mb / 20P
Single and Triple, 750MHz Amplifiers with Disable
CLC1004IST6X CADEKA-CLC1004IST6X Datasheet
2Mb / 20P
Single and Triple, 750MHz Amplifiers with Disable
More results


Similar Description - CLC1004

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4188 MAXIM-MAX4188 Datasheet
212Kb / 20P
Single/Triple, Low-Glitch, 250MHz, Current- Feedback Amplifiers with High-Speed Disable
Rev 0; 7/98
logo
Zetex Semiconductors
ZXFVX ZETEX-ZXFVX Datasheet
298Kb / 10P
Quad, single, triple and dual video amplifiers
ZXFV201 ZETEX-ZXFV201_07 Datasheet
308Kb / 10P
Quad, single, triple and dual video amplifiers
logo
Cadeka Microcircuits LL...
CLC1004 CADEKA-CLC1004 Datasheet
2Mb / 20P
Single and Triple, 750MHz Amplifiers with Disable
CLC1603 CADEKA-CLC1603 Datasheet
2Mb / 22P
Single and Triple, 1.1mA, 200MHz Amplifiers
CLC1605 CADEKA-CLC1605 Datasheet
2Mb / 20P
Single and Triple, 1.5GHz Amplifiers
logo
Maxim Integrated Produc...
MAX4188 MAXIM-MAX4188_07 Datasheet
783Kb / 23P
Single/Triple, Low-Glitch, 250MHz, Current-Feedback Amplifiers with High-Speed Disable
Rev 1; 2/07
logo
Texas Instruments
LMH6682 TI1-LMH6682 Datasheet
1Mb / 30P
Single Supply, Dual and Triple Operational Amplifiers
logo
Linear Technology
LT1675 LINER-LT1675_15 Datasheet
787Kb / 16P
250MHz, Triple and Single RGB Multiplexer with Amplifiers
LT1675-1 LINER-LT1675-1_15 Datasheet
787Kb / 16P
250MHz, Triple and Single RGB Multiplexer with Amplifiers
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com