Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC2000 Datasheet (PDF) - Exar Corporation

CLC2000 Datasheet PDF - Exar Corporation
Part # CLC2000
Download  CLC2000 Download
File Size   1324.4 Kbytes
Page   18 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description High Output Current Dual and Quad Amplifiers

CLC2000 Datasheet (PDF)

Go To PDF Page Download Datasheet
CLC2000 Datasheet PDF - Exar Corporation

Part # CLC2000
Download  CLC2000 Click to download

File Size   1324.4 Kbytes
Page   18 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description High Output Current Dual and Quad Amplifiers

CLC2000 Datasheet (HTML) - Exar Corporation




Similar Part No. - CLC2000

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
CLC2000 CADEKA-CLC2000 Datasheet
2Mb / 18P
High Output Current Dual Amplifier
CLC2000ISO8 CADEKA-CLC2000ISO8 Datasheet
2Mb / 18P
High Output Current Dual Amplifier
CLC2000ISO8X CADEKA-CLC2000ISO8X Datasheet
2Mb / 18P
High Output Current Dual Amplifier
logo
Exar Corporation
CLC2000ISO8X EXAR-CLC2000ISO8X Datasheet
158Kb / 1P
Flammability rating of UL 94?륷0
More results


Similar Description - CLC2000

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN6567 PANASONIC-AN6567 Datasheet
32Kb / 4P
Dual High Output Current Operational Amplifiers
logo
Elantec Semiconductor
EL2260C ELANTEC-EL2260C Datasheet
461Kb / 20P
Dual/Quad 130 MHz Current Feedback Amplifiers
logo
Linear Technology
LT1229 LINER-LT1229 Datasheet
292Kb / 12P
Dual and Quad 100MHz Current Feedback Amplifiers
logo
Intersil Corporation
EL2460 INTERSIL-EL2460 Datasheet
294Kb / 15P
Dual/Quad 130MHz Current Feedback Amplifiers
January 1995
logo
Cadeka Microcircuits LL...
CLC2600 CADEKA-CLC2600 Datasheet
2Mb / 15P
Dual, Triple, and Quad 300MHz Amplifiers
logo
Linear Technology
LT1229 LINER-LT1229_15 Datasheet
247Kb / 16P
Dual and Quad 100MHz Current Feedback Amplifiers
LT1230 LINER-LT1230_15 Datasheet
247Kb / 16P
Dual and Quad 100MHz Current Feedback Amplifiers
logo
Diodes Incorporated
LM2902 DIODES-LM2902 Datasheet
863Kb / 15P
DUAL AND QUAD OPERATIONAL AMPLIFIERS
Rev 3
logo
STMicroelectronics
TS9222 STMICROELECTRONICS-TS9222 Datasheet
511Kb / 16P
HIgh precision high stability dual and quad operational amplifiers
23-May-2014
logo
Diodes Incorporated
LM2902 DIODES-LM2902_18 Datasheet
791Kb / 16P
DUAL AND QUAD OPERATIONAL AMPLIFIERS
Rev 4
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com