Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BS250 Datasheet (PDF) - Vishay Siliconix

BS250 Datasheet PDF - Vishay Siliconix
Part # BS250
Download  BS250 Download
File Size   62.88 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description P-Channel 60-V (D-S) MOSFET

BS250 Datasheet (PDF)

Go To PDF Page Download Datasheet
BS250 Datasheet PDF - Vishay Siliconix

Part # BS250
Download  BS250 Click to download

File Size   62.88 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description P-Channel 60-V (D-S) MOSFET

BS250 Datasheet (HTML) - Vishay Siliconix


BS250 Product details

FEATURES
• High-Side Switching
• Low On-Resistance: 8 
• Low Threshold: −1.9 V
• Fast Switching Speed: 16 ns
• Low Input Capacitance: 15 pF

BENEFITS
• Ease in Driving Switches
• Low Offset (Error) Voltage
• Low-Voltage Operation
• High-Speed Switching
• Easily Driven Without Buffer

APPLICATIONS
• Drivers: Relays, Solenoids, Lamps, Hammers, Displays, Memories, Transistors, etc.
• Battery Operated Systems
• Power Supply, Converter Circuits
• Motor Control




Similar Part No. - BS250

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BS250 PHILIPS-BS250 Datasheet
50Kb / 8P
P-channel enhancement mode vertical D-MOS transistor
April 1995
logo
Diodes Incorporated
BS250 DIODES-BS250 Datasheet
62Kb / 2P
P-CHANNEL ENHANCEMENT MODE DMOS TRANSISTOR
DS21902 Rev. D-3
logo
General Semiconductor
BS250 GE-BS250 Datasheet
239Kb / 5P
DMOS Transistors (P-Channel)
BS250 GE-BS250 Datasheet
273Kb / 5P
DMOS Transistor (P-Channel)
logo
Vishay Siliconix
BS250 VISHAY-BS250 Datasheet
75Kb / 5P
P-Channel 60-V (D-S) MOSFET
05-Jul-04
More results


Similar Description - BS250

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3459DV VISHAY-SI3459DV Datasheet
62Kb / 4P
P-Channel 60-V (D-S) MOSFET
29-Nov-99
SI6459DQ VISHAY-SI6459DQ Datasheet
60Kb / 4P
P-Channel 60-V (D-S) MOSFET
29-Nov-99
SI6459BDQ VISHAY-SI6459BDQ Datasheet
78Kb / 5P
P-Channel 60-V (D-S) MOSFET
03-Nov-03
logo
Guangdong Kexin Industr...
KI2309DS KEXIN-KI2309DS Datasheet
50Kb / 2P
P-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SI7461DP VISHAY-SI7461DP_05 Datasheet
202Kb / 4P
P-Channel 60-V (D-S) MOSFET
12-Dec-05
TP0610K VISHAY-TP0610K_06 Datasheet
199Kb / 4P
P-Channel 60-V (D-S) MOSFET
02-Jan-06
logo
Analog Power
AM90P06-08P ANALOGPOWER-AM90P06-08P Datasheet
345Kb / 5P
P-Channel 60-V (D-S) MOSFET
AM7461P ANALOGPOWER-AM7461P Datasheet
182Kb / 3P
P-Channel 60-V (D-S) MOSFET
AM7463P ANALOGPOWER-AM7463P Datasheet
357Kb / 5P
P-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SI7461DP VISHAY-SI7461DP_15 Datasheet
380Kb / 13P
P-Channel 60 V (D-S) MOSFET
19-Jan-15
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com