Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMN100 Datasheet (PDF) - ZP Semiconductor

DMN100 Datasheet PDF - ZP Semiconductor
Part # DMN100
Download  DMN100 Download
File Size   159.99 Kbytes
Page   2 Pages
Manufacturer  ZPSEMI [ZP Semiconductor]
Direct Link  http://zpsemi.com/
Logo ZPSEMI - ZP Semiconductor
Description N-CHANNEL ENHANCEMENT MODE MOSFET

DMN100 Datasheet (PDF)

Go To PDF Page Download Datasheet
DMN100 Datasheet PDF - ZP Semiconductor

Part # DMN100
Download  DMN100 Click to download

File Size   159.99 Kbytes
Page   2 Pages
Manufacturer  ZPSEMI [ZP Semiconductor]
Direct Link  http://zpsemi.com/
Logo ZPSEMI - ZP Semiconductor
Description N-CHANNEL ENHANCEMENT MODE MOSFET

DMN100 Datasheet (HTML) - ZP Semiconductor


DMN100 Product details

Features
• Extremely Low On-Resistance: 170mΩ @ VGS = 4.5V
• High Drain Current: 1.1A
• Ideal for Notebook Computer, Portable Phone, PCMCIA Cards, and Battery Powered Circuits
• ESD Protected Gate
• Lead Free By Design/RoHS Compliant (Note 1)
• "Green" Device (Note 2)
• Qualified to AEC-Q101 Standards for High Reliability




Similar Part No. - DMN100

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN100 DIODES-DMN100 Datasheet
63Kb / 3P
N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30049 Rev. 5 - 2
DMN100 DIODES-DMN100 Datasheet
86Kb / 3P
N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30049 Rev. 6 - 2
DMN100 DIODES-DMN100 Datasheet
154Kb / 4P
N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30049 Rev. 7 - 2
DMN100-7 DIODES-DMN100-7 Datasheet
63Kb / 3P
N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30049 Rev. 5 - 2
DMN100-7-F DIODES-DMN100-7-F Datasheet
86Kb / 3P
N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30049 Rev. 6 - 2
More results


Similar Description - DMN100

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN1012 SYNC-POWER-SPN1012 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN1423A SYNC-POWER-SPN1423A Datasheet
211Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2302M STANSON-ST2302M Datasheet
170Kb / 6P
N Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN4920A SYNC-POWER-SPN4920A Datasheet
235Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN4972 SYNC-POWER-SPN4972 Datasheet
242Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN8080 SYNC-POWER-SPN8080 Datasheet
239Kb / 10P
N-Channel Enhancement Mode MOSFET
SPN9507 SYNC-POWER-SPN9507 Datasheet
237Kb / 9P
N-Channel Enhancement Mode MOSFET
SPN9971 SYNC-POWER-SPN9971 Datasheet
269Kb / 10P
N-Channel Enhancement Mode MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com