Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMV22EN Datasheet (PDF) - ZP Semiconductor

PMV22EN Datasheet PDF - ZP Semiconductor
Part # PMV22EN
Download  PMV22EN Download
File Size   444.79 Kbytes
Page   4 Pages
Manufacturer  ZPSEMI [ZP Semiconductor]
Direct Link  http://zpsemi.com/
Logo ZPSEMI - ZP Semiconductor
Description 30 V, 5.2 A N-channel Trench MOSFET

PMV22EN Datasheet (PDF)

Go To PDF Page Download Datasheet
PMV22EN Datasheet PDF - ZP Semiconductor

Part # PMV22EN
Download  PMV22EN Click to download

File Size   444.79 Kbytes
Page   4 Pages
Manufacturer  ZPSEMI [ZP Semiconductor]
Direct Link  http://zpsemi.com/
Logo ZPSEMI - ZP Semiconductor
Description 30 V, 5.2 A N-channel Trench MOSFET

PMV22EN Datasheet (HTML) - ZP Semiconductor




Similar Part No. - PMV22EN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMV22EN PHILIPS-PMV22EN Datasheet
996Kb / 14P
30 V, 5.2 A N-channel Trench MOSFET
Rev. 1-30 March 2011
logo
VBsemi Electronics Co.,...
PMV22EN VBSEMI-PMV22EN Datasheet
474Kb / 9P
N-Channel 30-V (D-S) MOSFET
logo
Nexperia B.V. All right...
PMV22EN NEXPERIA-PMV22EN Datasheet
1Mb / 15P
30 V, 5.2 A N-channel Trench MOSFET
Rev. 1 - 30 March 2011
More results


Similar Description - PMV22EN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMN20EN NXP-PMN20EN Datasheet
822Kb / 15P
30 V, 6.7 A N-channel Trench MOSFET
Rev. 1-30 May 2011
PMF250XN PHILIPS-PMF250XN Datasheet
889Kb / 15P
30 V, 0.9 A N-channel Trench MOSFET
Rev. 1-7 December 2011
PMV22EN PHILIPS-PMV22EN Datasheet
996Kb / 14P
30 V, 5.2 A N-channel Trench MOSFET
Rev. 1-30 March 2011
logo
ON Semiconductor
NVF5P03T3G ONSEMI-NVF5P03T3G Datasheet
150Kb / 7P
Power MOSFET 5.2 A, 30 V
October, 2011 ??Rev. 5
logo
NXP Semiconductors
PMN35EN NXP-PMN35EN Datasheet
823Kb / 15P
30 V, 5.1 A N-channel Trench MOSFET
Rev. 1-20 July 2011
PMV37EN NXP-PMV37EN Datasheet
811Kb / 15P
30 V, 3.1 A N-channel Trench MOSFET
Rev. 1-9 May 2011
logo
ZP Semiconductor
PMV37EN ZPSEMI-PMV37EN Datasheet
406Kb / 3P
30 V, 3.1 A N-channel Trench MOSFET
logo
Nexperia B.V. All right...
PMN25EN NEXPERIA-PMN25EN Datasheet
465Kb / 18P
30 V, 6.2 A N-channel Trench MOSFET
Rev. 1 - 29 August 2011
PMN35EN NEXPERIA-PMN35EN Datasheet
1Mb / 16P
30 V, 5.1 A N-channel Trench MOSFET
Rev. 1 - 20 July 2011
PMV22EN NEXPERIA-PMV22EN Datasheet
1Mb / 15P
30 V, 5.2 A N-channel Trench MOSFET
Rev. 1 - 30 March 2011
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com