Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TF0116A Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

TF0116A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.
Part # TF0116A
Download  TF0116A Download
File Size   1122.78 Kbytes
Page   17 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description BAW DPX 2535/2655MHz 70MHz BW Balance type SMD 2.0X1.6 mm

TF0116A Datasheet (PDF)

Go To PDF Page Download Datasheet
TF0116A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.

Part # TF0116A
Download  TF0116A Click to download

File Size   1122.78 Kbytes
Page   17 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description BAW DPX 2535/2655MHz 70MHz BW Balance type SMD 2.0X1.6 mm

TF0116A Datasheet (HTML) - TAI-SAW TECHNOLOGY CO., LTD.




Similar Part No. - TF0116A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TF0110A TAI-SAW-TF0110A Datasheet
7Mb / 8P
Your Best Partner For Frequency Devices
TF0110B TAI-SAW-TF0110B Datasheet
1Mb / 14P
SAW DPX 1732.5/2132.5MHz LTE Band 4 SMD 2016(45MHz BW)
logo
MTRONPTI
TF0111 MTRONPTI-TF0111 Datasheet
207Kb / 1P
Varactor Tunable Preselector Filter
TF0112 MTRONPTI-TF0112 Datasheet
203Kb / 1P
Varactor Tunable Preselector Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TF0112A TAI-SAW-TF0112A Datasheet
408Kb / 12P
SAW Duplexer 718/773 MHz Band 28 SMD 2.0X1.6 mm (BW=30 MHz)
More results


Similar Description - TF0116A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TF0061A TAI-SAW-TF0061A Datasheet
315Kb / 11P
2535/2655MHz Band 7 Balanced Duplexer SMD 2.0X1.6 mm
TA1847A TAI-SAW-TA1847A Datasheet
684Kb / 10P
SAW Filter 2655MHz 70MHz BW Band 7 Rx SMD 1.1횞0.9mm
TF0109B TAI-SAW-TF0109B Datasheet
1Mb / 14P
BAW DPX 2535/2655 MHz LTE Band 7 SMD 2016 (70MHz BW)
TF0124B TAI-SAW-TF0124B Datasheet
520Kb / 17P
SAW DPX 2535/2655 MHz Band 7 SMD 1.8X1.4 mm (BW=70 MHz)
TF0124C TAI-SAW-TF0124C Datasheet
471Kb / 15P
SAW DPX 2535/2655 MHz LTE Band 7 SMD 1814 (70 MHz BW)
TF0136A TAI-SAW-TF0136A Datasheet
496Kb / 13P
BAW DPX 1882.5/1962.5MHz 65/64.04MHz BW Single type SMD 1.8X1.4 mm
TF0124AA TAI-SAW-TF0124AA Datasheet
651Kb / 15P
BAW DPX 2535/2655 MHz LTE Band 7 SMD 1.8X1.4 mm (BW=70 MHz)
TF0136B TAI-SAW-TF0136B Datasheet
435Kb / 14P
BAW DPX 1882.5/1962.5MHz 65/64.04MHz BW Band25 SMD1.8X1.4 mm
TF0136C TAI-SAW-TF0136C Datasheet
1Mb / 13P
BAW DPX 1882.5/1962.5MHz 65/64.04MHz BW Band25 SMD1.8X1.4 mm
TF0218AA0031 TAI-SAW-TF0218AA0031 Datasheet
825Kb / 13P
SAW DPX 2535/2655 MHz Band 7 SMD 1.6X1.2 mm (BW=70 MHz)
REV.1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com