Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1701DW Datasheet (PDF) - Anachip Corp

AP1701DW Datasheet PDF - Anachip Corp
Part # AP1701DW
Download  AP1701DW Download
File Size   165.98 Kbytes
Page   8 Pages
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp
Description 3-Pin Microprocessor Reset Circuits

AP1701DW Datasheet (PDF)

Go To PDF Page Download Datasheet
AP1701DW Datasheet PDF - Anachip Corp

Part # AP1701DW
Download  AP1701DW Click to download

File Size   165.98 Kbytes
Page   8 Pages
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp
Description 3-Pin Microprocessor Reset Circuits

AP1701DW Datasheet (HTML) - Anachip Corp


AP1701DW Product details

General Description
The AP1701/2/3/4 are used for microprocessor (µP) supervisory circuits to monitor the power supplies in µP and digital systems. They provide excellent circuit reliability and low cost by eliminating external components and adjustments when used with +5V, +3.3V, +3.0V powered circuits.

Features
- Precision Monitoring of +3V, +3.3V, and +5V Power-Supply Voltages
- Fully Specified Over Temperature
- Available in Three Output Configurations
- Push-Pull RESET Low Output (AP1701/3)
- Push-Pull RESET High Output (AP1702/4)
- 140ms min Power-On Reset Pulse Width
- 12µA Supply Current
- Guaranteed Reset Valid to VCC = +1V
- Power Supply Transient Immunity
- No External Components
- 3-pin SOT23 package

Applications
- Computers
- Controllers
- Intelligent Instruments
- Critical µP and µC Power Monitoring
- Portable/Battery Powered Equipment
- Automotive




Similar Part No. - AP1701DW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1701DWG-7 DIODES-AP1701DWG-7 Datasheet
516Kb / 9P
3-PIN MICROPROCESSOR RESET CIRCUITS
AP1701/2/3/4 Rev. 2
AP1701DWL-7 DIODES-AP1701DWL-7 Datasheet
516Kb / 9P
3-PIN MICROPROCESSOR RESET CIRCUITS
AP1701/2/3/4 Rev. 2
More results


Similar Description - AP1701DW

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM809 NSC-LM809 Datasheet
184Kb / 8P
3-Pin Microprocessor Reset Circuits
logo
Maxim Integrated Produc...
MAX803L MAXIM-MAX803L_10 Datasheet
145Kb / 8P
3-Pin Microprocessor Reset Circuits
Rev 7; 2/10
logo
Diodes Incorporated
APX809 DIODES-APX809_09 Datasheet
128Kb / 9P
3-PIN MICROPROCESSOR RESET CIRCUITS
APX809/810 Rev. 4
logo
BCD Semiconductor Manuf...
AZ809,810 BCDSEMI-AZ809,810 Datasheet
572Kb / 9P
3-PIN MICROPROCESSOR RESET CIRCUITS
logo
Maxim Integrated Produc...
MAX809MEUR MAXIM-MAX809MEUR Datasheet
162Kb / 8P
3-Pin Microprocessor Reset Circuits
Rev 5; 1/01
logo
Union Semiconductor, In...
UM809 UNIONSEMI-UM809 Datasheet
322Kb / 15P
3-Pin Microprocessor Reset Circuits
UM803 UNIONSEMI-UM803 Datasheet
332Kb / 11P
3-Pin Microprocessor Reset Circuits
logo
ACE Technology Co., LTD...
ACE803ND ACE-ACE803ND Datasheet
926Kb / 9P
3-Pin Microprocessor Reset Circuits
VER 1.1
logo
Fitipower Integrated Te...
FP6809 FITIPOWER-FP6809 Datasheet
441Kb / 9P
3-Pin Microprocessor Reset Circuits
logo
Maxim Integrated Produc...
MAX803 MAXIM-MAX803 Datasheet
870Kb / 8P
3-Pin Microprocessor Reset Circuits
Rev 11; 10/17
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com