Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP432YLA Datasheet (PDF) - Anachip Corp

AP432YLA Datasheet PDF - Anachip Corp
Part # AP432YLA
Download  AP432YLA Download
File Size   313.34 Kbytes
Page   16 Pages
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp
Description Adjustable Precision Shunt Regulator

AP432YLA Datasheet (PDF)

Go To PDF Page Download Datasheet
AP432YLA Datasheet PDF - Anachip Corp

Part # AP432YLA
Download  AP432YLA Click to download

File Size   313.34 Kbytes
Page   16 Pages
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp
Description Adjustable Precision Shunt Regulator

AP432YLA Datasheet (HTML) - Anachip Corp


AP432YLA Product details

General Description 

The AP432/432A are 3-terminal adjustable precision shunt regulators with guaranteed stable temperature over the applicable extended commercial temperature range. The output voltage may be set at any level greater than 1.24/ (VREF) up to 20V merely by selecting two external resistors that act as a voltage divider network.



„ Features

- Precision reference voltage

   AP432 : 1.24V  ±1%

   AP432A : 1.24V ±0.5%

- Sink current capability: 200mA.

- Minimum cathode current for regulation: 150µA

- Equivalent full-range temp coefficient: 30 ppm/oC

- Fast turn-on Response.

- Low dynamic output impedance: 0.2Ω

- Programmable output voltage to 20v

- Low output noise

- Packages: SOT89, SOT23, SOT25, SOP8 and TO92




Similar Part No. - AP432YLA

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP432YLA ANACHIP-AP432YLA Datasheet
308Kb / 16P
Adjustable Precision Shunt Regulator
Rev.1.1 Sep.23, 2004
More results


Similar Description - AP432YLA

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
Adjustable Precision shunt Regulator
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
Adjustable Precision Shunt Regulator
logo
Taiwan Semiconductor Co...
TS431I TSC-TS431I Datasheet
776Kb / 13P
Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
Adjustable Precision Shunt Regulator
VER 1.2
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
Adjustable Precision Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
Adjustable Precision Shunt Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com