Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMF13CA Datasheet (PDF) - SUNMATE electronic Co., LTD

SMF13CA Datasheet PDF - SUNMATE electronic Co., LTD
Part # SMF13CA
Download  SMF13CA Download
File Size   718.12 Kbytes
Page   3 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE

SMF13CA Datasheet (PDF)

Go To PDF Page Download Datasheet
SMF13CA Datasheet PDF - SUNMATE electronic Co., LTD

Part # SMF13CA
Download  SMF13CA Click to download

File Size   718.12 Kbytes
Page   3 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE

SMF13CA Datasheet (HTML) - SUNMATE electronic Co., LTD


SMF13CA Product details

VOLTAGE RANGE: 5.0 - 17 0V

POWER: 200Wa t t s



Features

• For surface mounted applications

• Low profile package

• Low incremental surge resistance, excellent clamping capability

• 200W peak pulse power capability with a 10/1000 µs wave from,repetition rate (duty cycle):0.01%

• High temperature soldering guaranteed: 260 ℃/10 seconds, at terminals




Similar Part No. - SMF13CA

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMF13CA MCC-SMF13CA Datasheet
289Kb / 5P
200WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SMF13CA MCC-SMF13CA Datasheet
327Kb / 5P
200WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
logo
Gaomi Xinghe Electronic...
SMF13CA GXELECTRONICS-SMF13CA Datasheet
1Mb / 6P
Maximum Clamp Voltage
logo
Formosa MS
SMF13CA FORMOSA-SMF13CA Datasheet
463Kb / 3P
TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
SMF13CA LUGUANG-SMF13CA Datasheet
404Kb / 3P
Surface Mount ESD Protection Diodes
More results


Similar Description - SMF13CA

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
SMF5.0CA SUNMATE-SMF5.0CA Datasheet
718Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SMF6.0A SUNMATE-SMF6.0A Datasheet
718Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SMF7.0A SUNMATE-SMF7.0A Datasheet
718Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SMF26CA SUNMATE-SMF26CA Datasheet
718Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SMF40A SUNMATE-SMF40A Datasheet
718Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SMF45CA SUNMATE-SMF45CA Datasheet
718Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SMF54A SUNMATE-SMF54A Datasheet
718Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SMF60CA SUNMATE-SMF60CA Datasheet
718Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SMF64CA SUNMATE-SMF64CA Datasheet
718Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
P6SMBJ6.8A SUNMATE-P6SMBJ6.8A Datasheet
1Mb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com