Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC10DA40 Datasheet (PDF) - Nihon Inter Electronics Corporation

EC10DA40 Datasheet PDF - Nihon Inter Electronics Corporation
Part # EC10DA40
Download  EC10DA40 Download
File Size   30.09 Kbytes
Page   2 Pages
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation
Description ELECTROSTATIC DISCHARGE REINFORCEMENT TYPE

EC10DA40 Datasheet (PDF)

Go To PDF Page Download Datasheet
EC10DA40 Datasheet PDF - Nihon Inter Electronics Corporation

Part # EC10DA40
Download  EC10DA40 Click to download

File Size   30.09 Kbytes
Page   2 Pages
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation
Description ELECTROSTATIC DISCHARGE REINFORCEMENT TYPE

EC10DA40 Datasheet (HTML) - Nihon Inter Electronics Corporation


EC10DA40 Product details

Electrostatic Discharge Reinforcement Type

FEATURES
* Miniature Size,Surface Mount Device
* High Surge Capability
* Low Forward Voltage Drop
* Low Reverse Leakage Current
* Packaged in 12mm Tape and Reel




Similar Part No. - EC10DA40

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
EC10DA40 SUNMATE-EC10DA40 Datasheet
265Kb / 1P
SURFACE MOUNT GLASS PASSIVATED RECTIFIER DIODES
logo
Kyocera Kinseki Corpota...
EC10DA40 KSS-EC10DA40 Datasheet
779Kb / 6P
Rectifier Diode
logo
National Instruments Co...
EC10DA40_2015 NI-EC10DA40_2015 Datasheet
138Kb / 1P
Standard Recovery Diode
More results


Similar Description - EC10DA40

ManufacturerPart #DatasheetDescription
logo
NEC
NNCD12A NEC-NNCD12A Datasheet
47Kb / 8P
ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODES 400 mW TYPE
NNCD12B NEC-NNCD12B Datasheet
43Kb / 8P
ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODES 500 mW TYPE
NNCD12C NEC-NNCD12C Datasheet
41Kb / 8P
ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODES 150 mW TYPE
NNCD12D NEC-NNCD12D Datasheet
41Kb / 8P
ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODES 200 mW TYPE
NNCD12E NEC-NNCD12E Datasheet
40Kb / 8P
ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODES 200 mW TYPE
logo
List of Unclassifed Man...
EP05DA40 ETC-EP05DA40 Datasheet
28Kb / 2P
ELECTROSTATIC DISCHARGE REINFORCEMENT TYPE
logo
NEC
NNCD68H NEC-NNCD68H Datasheet
40Kb / 5P
LOW CAPACITANCE TYPE ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODE
logo
Fairchild Semiconductor
AN-248 FAIRCHILD-AN-248 Datasheet
56Kb / 3P
Electrostatic Discharge Prevention-Input Protection
logo
STMicroelectronics
AN1181 STMICROELECTRONICS-AN1181 Datasheet
64Kb / 7P
ELECTROSTATIC DISCHARGE SENSITIVITY MEASUREMENT
Feb-1998
logo
Guangdong Youtai Semico...
PESD5V0S1BA UMW-PESD5V0S1BA Datasheet
242Kb / 5P
Low capacitance ElectroStatic Discharge
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com