Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D472 Datasheet (PDF) - Rohm

D472 Datasheet PDF - Rohm
Part # D472
Download  D472 Download
File Size   1282.3 Kbytes
Page   14 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Bipolar Voltage Detector ICs

D472 Datasheet (PDF)

Go To PDF Page Download Datasheet
D472 Datasheet PDF - Rohm

Part # D472
Download  D472 Click to download

File Size   1282.3 Kbytes
Page   14 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Bipolar Voltage Detector ICs

D472 Datasheet (HTML) - Rohm


D472 Product details

Description
The BD47□□G Series is a reset IC that was developed to prevent system errors at transient state when the power of CPU or logic circuit switches ON/OFF or momentary shut down. These ICs consist of three terminals (power supply, GND and reset output) to detect power supply voltages and outputs reset signals of various systems. These ICs are ultra-compact and are realized low current consumption, making them ideal for portable products.

Features
1) Detection voltage range: 0.1-volt step line-up 1.9~4.6V (Typ.)
2) High accuracy voltage detection: ±1%
3) Low current consumption
4) Open collector “L” reset output
5) Compact SSOP5 package

Applications
   All electronic devices that use microcontrollers and logic circuits




Similar Part No. - D472

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
D472 AOSMD-D472 Datasheet
120Kb / 5P
N-Channel Enhancement Mode Field Effect Transistor
D472 AOSMD-D472 Datasheet
158Kb / 7P
N-Channel SDMOSTM POWER Transistor
logo
Beijing Yaohuadechang E...
D4721-101 YHDC-D4721-101 Datasheet
595Kb / 1P
Driver Transformer
D4721-111 YHDC-D4721-111 Datasheet
596Kb / 1P
Driver Transformer
D4721-201 YHDC-D4721-201 Datasheet
592Kb / 1P
Driver Transformer
More results


Similar Description - D472

ManufacturerPart #DatasheetDescription
logo
Rohm
BD47XXG ROHM-BD47XXG_10 Datasheet
291Kb / 8P
Bipolar Voltage Detector IC
BD47XXG_101 ROHM-BD47XXG_101 Datasheet
222Kb / 8P
Bipolar Voltage Detector ICs
BU48XXG ROHM-BU48XXG_11 Datasheet
290Kb / 9P
Low Voltage Standard CMOS Voltage Detector ICs
BD4746G-TR ROHM-BD4746G-TR Datasheet
431Kb / 13P
Bipolar Voltage Detector ICs
BD4727G-TR ROHM-BD4727G-TR Datasheet
322Kb / 13P
Bipolar Voltage Detector ICs
BD4719G-TR ROHM-BD4719G-TR Datasheet
317Kb / 13P
Bipolar Voltage Detector ICs
logo
Isahaya Electronics Cor...
RT8H012C ISAHAYA-RT8H012C Datasheet
70Kb / 5P
Bipolar voltage detector
logo
Rohm
BU4815G-TR ROHM-BU4815G-TR Datasheet
405Kb / 16P
Low Voltage Standard CMOS Voltage Detector ICs
BD4730G-TR ROHM-BD4730G-TR Datasheet
317Kb / 13P
Bipolar Voltage Detector ICs
BU4842F-TR ROHM-BU4842F-TR Datasheet
473Kb / 16P
Low Voltage Standard CMOS Voltage Detector ICs
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com