Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDALC6V1W5 Datasheet (PDF) - STMicroelectronics

ESDALC6V1W5 Datasheet PDF - STMicroelectronics
Part # ESDALC6V1W5
Download  ESDALC6V1W5 Download
File Size   145.22 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description QUAD TRANSIL??ARRAY FOR ESD PROTECTION

ESDALC6V1W5 Datasheet (PDF)

Go To PDF Page Download Datasheet
ESDALC6V1W5 Datasheet PDF - STMicroelectronics

Part # ESDALC6V1W5
Download  ESDALC6V1W5 Click to download

File Size   145.22 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description QUAD TRANSIL??ARRAY FOR ESD PROTECTION

ESDALC6V1W5 Datasheet (HTML) - STMicroelectronics


ESDALC6V1W5 Product details

Description
The ESDALCxxxWx are monolithic suppressors designed to protect components connected to data and transmission lines against ESD.
These devices clamp the voltage just above the logic level supply for positive transients, and to a diode drop below ground for negative transients.

Features
■ 4 Unidirectional Transil functions
■ Breakdown voltage: VBR = 6.1 V minimum
■ Low leakage current: < 1 µA
■ Low capacitance: 7.5 pF at 3 V
■ Very small PCB area < 4.2 mm2 typically

Main applications
Where transient overvoltage protection in ESD sensitive equipment is required, such as :
■ Computers
■ Printers
■ Communication systems
■ Cellular phones and accessories
■ Wireline and wireless telephone sets
■ Set top boxes




Similar Part No. - ESDALC6V1W5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDALC6V1W5 STMICROELECTRONICS-ESDALC6V1W5 Datasheet
89Kb / 7P
Quad TRANSIL array for data protection
10-Jan-2006
logo
Shanghai Leiditech Elec...
ESDALC6V1W5 LEIDITECH-ESDALC6V1W5 Datasheet
820Kb / 4P
Low Capacitance Q uad Array for ESD Protection
Rev : 01.06.2018
logo
STMicroelectronics
ESDALC6V1W5 STMICROELECTRONICS-ESDALC6V1W5_06 Datasheet
89Kb / 7P
Quad TRANSIL array for data protection
10-Jan-2006
More results


Similar Description - ESDALC6V1W5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDA25DB3 STMICROELECTRONICS-ESDA25DB3 Datasheet
48Kb / 5P
TRANSIL ARRAY FOR ESD PROTECTION
02-Apr-1000
ESDAXXSC5 STMICROELECTRONICS-ESDAXXSC5 Datasheet
69Kb / 7P
QUAD TRANSIL ARRAY FOR ESD PROTECTION
Mar-2000
ESDA6V1P6 STMICROELECTRONICS-ESDA6V1P6 Datasheet
210Kb / 8P
QUAD TRANSIL™ ARRAY FOR ESD PROTECTION
Jan-2003
ESDA6V1-4F1 STMICROELECTRONICS-ESDA6V1-4F1 Datasheet
43Kb / 6P
QUAD TRANSIL ARRAY FOR ESD PROTECTION
July 2002 - Ed: 2A
ESDA14V2-4BF2 STMICROELECTRONICS-ESDA14V2-4BF2 Datasheet
131Kb / 7P
QUAD BIDIRECTIONAL TRANSIL??ARRAY FOR ESD PROTECTION
17-Jan-2006
ESDAXXSCX STMICROELECTRONICS-ESDAXXSCX Datasheet
86Kb / 10P
QUAD TRANSIL??ARRAY FOR ESD PROTECTION
04-Nov-2004
ESDA14V2-4BF3 STMICROELECTRONICS-ESDA14V2-4BF3 Datasheet
152Kb / 8P
Quad bidirectional Transil array for ESD protection
18-Apr-2008
ESDALC6V1F2 STMICROELECTRONICS-ESDALC6V1F2 Datasheet
88Kb / 7P
Quad low capacitance Transil array for ESD protection
11-Jul-2007
ESDA5V3SC5 STMICROELECTRONICS-ESDA5V3SC5_07 Datasheet
153Kb / 11P
Quad Transil array for ESD protection
22-Nov-2007
ESDASCY STMICROELECTRONICS-ESDASCY Datasheet
235Kb / 12P
Automotive quad Transil™ array for ESD protection
September 2012 Rev 1
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com