Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDC37N869 Datasheet (PDF) - SMSC Corporation

FDC37N869 Datasheet PDF - SMSC Corporation
Part # FDC37N869
Download  FDC37N869 Download
File Size   449.8 Kbytes
Page   147 Pages
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation
Description 5V and 3.3V Super I/O Controller with Infrared Support for Portable Applications

FDC37N869 Datasheet (PDF)

Go To PDF Page Download Datasheet
FDC37N869 Datasheet PDF - SMSC Corporation

Part # FDC37N869
Download  FDC37N869 Click to download

File Size   449.8 Kbytes
Page   147 Pages
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation
Description 5V and 3.3V Super I/O Controller with Infrared Support for Portable Applications

FDC37N869 Datasheet (HTML) - SMSC Corporation


FDC37N869 Product details

GENERAL DESCRIPTION
The SMSC FDC37N869 is a 5v/3.3v PC 99-compliant Super I/O Controller with Infrared support. The FDC37N869 utilizes SMSC’s proven SuperCell technology and is optimized for motherboard applications. The FDC37N869 incorporates SMSC’s true CMOS 765B floppy disk controller, advanced digital data separator, 16-byte data FIFO, two 16C550 compatible UARTs, one Multi-Mode parallel port with ChiProtect circuitry plus EPP and ECP support, game port chip select logic and one floppy direct drive support. The FDC37N869 does not require any external filter components, is easy to use and offers lower system cost and reduced board area. The FDC37N869 is software and register compatible with SMSC’s proprietary 82077AA core.

FEATURES
▪ PC 99 Compliant
▪ 5 Volt and 3.3 Volt Operation
▪ Intelligent Auto Power Management
▪ 16 Bit Address Qualification
▪ 2.88MB Super I/O Floppy Disk Controller
   - Licensed CMOS 765B Floppy Disk Controller
   - Software and Register Compatible with SMSC’s Proprietary 82077AA Compatible Core
   - Supports One Floppy Drive Directly
   - Configurable Open Drain/Push-Pull Output Drivers
   - Supports Vertical Recording Format
   - 16 Byte Data FIFO
   - 100% IBM Compatibility
   - Detects All Overrun and Underrun Conditions
   - Sophisticated Power Control Circuitry (PCC) Including Multiple Power-Down Modes for Reduced Power Consumption
   - DMA Enable Logic
   - Data Rate and Drive Control Registers
   - Swap Drives A and B
   - Non-Burst Mode DMA Option
   - 48 Base I/O Address, 15 IRQ and 4 DMA Options
   - Forceable Write Protect and Disk Change Controls
▪ Floppy Disk Available on Parallel Port Pins ACPI Compliant
▪ Enhanced Digital Data Separator
   - 2Mbps, 1 Mbps, 500 Kbps, 300 Kbps, 250 Kbps Data Rates
   - Programmable Precompensation Modes
▪ Serial Ports
   - Two High Speed NS16C550 Compatible UARTs with Send/Receive 16 Byte FIFOs
   - Supports 230k and 460k Baud
   - Programmable Baud Rate Generator
   - Modem Control Circuitry
▪ Infrared Communications Controller
   - IrDA v1.1 (4Mbps), HPSIR, ASKIR, Consumer IR Support
   - 2 IR Ports
   - 96 Base I/O Address, 15 IRQ Options and 4 DMA Options
▪ Multi-Mode Parallel Port with ChiProtect
   - Standard Mode
   - IBM PC/XT, PC/AT, and PS/2 Compatible Bi-directional Parallel Port
   - Enhanced Parallel Port (EPP) Compatible
   - EPP 1.7 and EPP 1.9 (IEEE 1284 Compliant)
   - Enhanced Capabilities Port (ECP) Compatible (IEEE 1284 Compliant)
   - Incorporates ChiProtect Circuitry for Protection Against Damage Due to Printer Power-On
   - 192 Base I/O Address, 15 IRQ and 4 DMA Options
▪ Game Port Select Logic
   - 48 Base I/O Addresses
▪ General Purpose Address Decoder
   - 16-Byte Block Decode




Similar Part No. - FDC37N869

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
FDC37N3869 SMSC-FDC37N3869 Datasheet
725Kb / 136P
3.3V SUPER I/O CONTROLLER WITH INFRARED SUPPORT
FDC37N3869-MD SMSC-FDC37N3869-MD Datasheet
725Kb / 136P
3.3V SUPER I/O CONTROLLER WITH INFRARED SUPPORT
FDC37N769 SMSC-FDC37N769 Datasheet
720Kb / 138P
3.3V SUPER I/O CONTROLLER WITH INFRARED SUPPORT FOR PORTABLE APPLICATIONS
FDC37N769 SMSC-FDC37N769 Datasheet
669Kb / 137P
3.3V Super I/O Controller with Infrared Support for Portable Applications
logo
Agilent(Hewlett-Packard...
FDC37N769 HP-FDC37N769 Datasheet
374Kb / 25P
Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
More results


Similar Description - FDC37N869

ManufacturerPart #DatasheetDescription
logo
Winbond
W83787IF WINBOND-W83787IF Datasheet
1Mb / 123P
WINBOND I/O WITH SERIAL-INFRARED SUPPORT
logo
SMSC Corporation
FDC37C669 SMSC-FDC37C669 Datasheet
621Kb / 164P
PC 98/99 COMPLIANT SUPER I/O FLOPPY DISK CONTROLLER WITH INFRARED SUPPORT
FDC37N3869 SMSC-FDC37N3869 Datasheet
725Kb / 136P
3.3V SUPER I/O CONTROLLER WITH INFRARED SUPPORT
FDC37N769 SMSC-FDC37N769 Datasheet
720Kb / 138P
3.3V SUPER I/O CONTROLLER WITH INFRARED SUPPORT FOR PORTABLE APPLICATIONS
37C957FR SMSC-37C957FR Datasheet
1Mb / 328P
ULTRA I/O CONTROLLER FOR PORTABLE APPLICATIONS
37M602 SMSC-37M602 Datasheet
650Kb / 182P
ENHANCED SUPER I/O CONTROLLER WITH INFRARED SUPPORT
FDC37B72X SMSC-FDC37B72X_07 Datasheet
831Kb / 238P
128 Pin Enhanced Super I/O Controller with ACPI Support
FDC37C669 SMSC-FDC37C669_07 Datasheet
575Kb / 164P
PC 98/99 Compliant Super I/O Floppy Disk Controller with Infrared Support
FDC37N769 SMSC-FDC37N769_07 Datasheet
669Kb / 137P
3.3V Super I/O Controller with Infrared Support for Portable Applications
FDC37B727-NS SMSC-FDC37B727-NS Datasheet
822Kb / 238P
128 Pin Enhanced Super I/O Controller with ACPI Support
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com