Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PST573 Datasheet (PDF) - Mitsumi Electronics, Corp.

PST573 Datasheet PDF - Mitsumi Electronics, Corp.
Part # PST573
Download  PST573 Download
File Size   134.2 Kbytes
Page   6 Pages
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.
Description SYSTEM RESET Monolithic IC

PST573 Datasheet (PDF)

Go To PDF Page Download Datasheet
PST573 Datasheet PDF - Mitsumi Electronics, Corp.

Part # PST573
Download  PST573 Click to download

File Size   134.2 Kbytes
Page   6 Pages
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.
Description SYSTEM RESET Monolithic IC

PST573 Datasheet (HTML) - Mitsumi Electronics, Corp.


PST573 Product details

Outline

This IC functions in a variety of CPU systems and other logic systems, to detect power supply voltage and reset the system accurately when power is turned on or interrupted. This ultra-low current consumption high reset type system reset IC was developed using high resistance process and low current circuit design technology.



Features

1. Ultra-low current consumption ICCH=450µA typ. ICCL=1µA typ.

2. Low operating limit voltage 0.65V typ.

3. Output current high for ON -6mA typ.

4. Hysteresis voltage provided in detection voltage 50mV typ.

5. 10 ranks of detection voltage  PST573 C : 4.5V typ. H : 3.1V typ.

                                                      D : 4.2V typ. I : 2.9V typ.

                                                      E : 3.9V typ. J : 2.7V typ.

                                                     F : 3.6V typ. K : 2.5V typ.

                                                     G : 3.3V typ. L : 2.3V typ.



Applications

1. Reset circuits in microcomputers, CPUs and MPUs.

2. Logic circuit reset circuits.

3. Battery voltage check circuits.

4. Back-up power supply switching circuits.

5. Level detection circuits.




Similar Part No. - PST573

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
PST574 MITSUMI-PST574 Datasheet
116Kb / 5P
System Reset
PST574C MITSUMI-PST574C Datasheet
116Kb / 5P
System Reset
PST574D MITSUMI-PST574D Datasheet
116Kb / 5P
System Reset
PST574E MITSUMI-PST574E Datasheet
116Kb / 5P
System Reset
PST574F MITSUMI-PST574F Datasheet
116Kb / 5P
System Reset
More results


Similar Description - PST573

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
PST7046 MITSUMI-PST7046 Datasheet
47Kb / 3P
System Reset Monolithic IC PST70XX Series
PST600 MITSUMI-PST600 Datasheet
118Kb / 5P
System Reset Monolithic IC
PST591 MITSUMI-PST591 Datasheet
133Kb / 6P
System Reset Monolithic IC PST591~595 Series
PST575 MITSUMI-PST575 Datasheet
139Kb / 6P
System Reset Monolithic IC PST575
PST611 MITSUMI-PST611 Datasheet
118Kb / 5P
System Reset Monolithic IC PST611
PST38XXU MITSUMI-PST38XXU Datasheet
66Kb / 10P
IC for CMOS System Reset Monolithic IC
PST90XX MITSUMI-PST90XX Datasheet
47Kb / 3P
IC for System Reset Monolithic IC
PST37XXU MITSUMI-PST37XXU Datasheet
66Kb / 10P
IC for CMOS System Reset Monolithic IC
PST70XX MITSUMI-PST70XX Datasheet
48Kb / 3P
IC for System Reset Monolithic IC
PST92XX MITSUMI-PST92XX Datasheet
66Kb / 6P
IC for System Reset Monolithic IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com