Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5032C Datasheet (PDF) - SamHop Microelectronics Corp.

SM5032C Datasheet PDF - SamHop Microelectronics Corp.
Part # SM5032C
Download  SM5032C Download
File Size   28.96 Kbytes
Page   6 Pages
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.
Description DECODER

SM5032C Datasheet (PDF)

Go To PDF Page Download Datasheet
SM5032C Datasheet PDF - SamHop Microelectronics Corp.

Part # SM5032C
Download  SM5032C Click to download

File Size   28.96 Kbytes
Page   6 Pages
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.
Description DECODER

SM5032C Datasheet (HTML) - SamHop Microelectronics Corp.


SM5032C Product details

GENERAL DESCRIPTION
SM5032C/D is an infrared remote control decoder utilizing COMOS technology, paired with SM5021 for transmitter. The remote control system is capable of controlling eight functions and CP1 to CP6 can multi-decode. There is an option for two toggle signal outputs in these data control functions.
Also there are two custom codes for user to separate different products.

FEATURES
* Wide operation voltage range, 2.4V to 6V
* Infrared remote control receiver
* Two custom code to separate products
* Eight control functions for continuous signal
* Mulit-key control outputs
* Two toggle signal can be optioned in outputs
* A single terminal type oscillator by means of RC is provided
* Low power consumption
* High noise immunity
* 14 pin DIP or SO package

APPLICATIONS
* Consumer Products Remote Control
* Toy Remote Control
* Audio Remote Control




Similar Part No. - SM5032C

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
SM503 DATATRONICS-SM503 Datasheet
83Kb / 1P
SM503 SERIES SURFACE MOUNT COMMON MODE CHOKE
SM503-105 DATATRONICS-SM503-105 Datasheet
86Kb / 1P
SURFACE MOUNT COMMON MODE CHOKE
SM503-105 DATATRONICS-SM503-105 Datasheet
83Kb / 1P
SM503 SERIES SURFACE MOUNT COMMON MODE CHOKE
SM503-113 DATATRONICS-SM503-113 Datasheet
86Kb / 1P
SURFACE MOUNT COMMON MODE CHOKE
SM503-113 DATATRONICS-SM503-113 Datasheet
83Kb / 1P
SM503 SERIES SURFACE MOUNT COMMON MODE CHOKE
More results


Similar Description - SM5032C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA4510 PHILIPS-TDA4510 Datasheet
69Kb / 9P
PAL decoder
March 1986
TDA4570 PHILIPS-TDA4570 Datasheet
67Kb / 9P
NTSC decoder
August 1986
logo
Seiko Instruments Inc
S-70L41B SII-S-70L41B Datasheet
1Mb / 23P
PAGING DECODER
logo
NXP Semiconductors
TDA3560 PHILIPS-TDA3560 Datasheet
421Kb / 10P
PAL DECODER
January 1980
logo
List of Unclassifed Man...
TL880 ETC-TL880 Datasheet
226Kb / 2P
DTVPC Decoder
BT829A ETC-BT829A Datasheet
1Mb / 136P
VideoStream DECODER
VD5012 ETC-VD5012 Datasheet
115Kb / 3P
ENCODER / DECODER
logo
Integral Corp.
ILA8395N INTEGRAL-ILA8395N Datasheet
201Kb / 7P
SECAM decoder
logo
Sony Corporation
CXD1856Q SONY-CXD1856Q Datasheet
407Kb / 31P
MPEG1 Decoder
logo
Asahi Kasei Microsystem...
AKD4140-B AKM-AKD4140-B Datasheet
630Kb / 31P
BTSC decoder
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com