Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TH7120 Datasheet (PDF) - List of Unclassifed Manufacturers

TH7120 Datasheet PDF - List of Unclassifed Manufacturers
Part # TH7120
Download  TH7120 Download
File Size   718.38 Kbytes
Page   28 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 300 to 930MHz FSK/FM/ASK Transceiver

TH7120 Datasheet (PDF)

Go To PDF Page Download Datasheet
TH7120 Datasheet PDF - List of Unclassifed Manufacturers

Part # TH7120
Download  TH7120 Click to download

File Size   718.38 Kbytes
Page   28 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 300 to 930MHz FSK/FM/ASK Transceiver

TH7120 Datasheet (HTML) - List of Unclassifed Manufacturers


TH7120 Product details

[Melexis]

General Description
The TH7120 is a single chip FSK/FM/ASK transceiver IC. It is designed to operate in low-power multi-channel programmable or single-channel stand-alone, half-duplex data transmission systems. It can be used for ISM, SRD or any other application operating in the frequency ranging of 300 MHz to 930 MHz.

Features
❐ Single chip solution with only a few external components
❐ Stand-alone fixed-frequency transceiver operation modes
❐ Programmable multi-channel transceiver operation modes
❐ Low current consumption in active mode and very low standby current
❐ PLL-stabilized RF VCO (LO) with internal varactor diode
❐ Lock detection in programmable channel applications
❐ 3wire bus serial control interface
❐ FSK/ASK modulation selection
❐ FSK for digital data and FM for analog signal reception
❐ RSSI allows signal strength indication and ASK detection
❐ Switchable LNA gain for improved dynamic range
❐ Automatic PA turn-on after PLL lock
❐ FM possible with external varactor
❐ ASK modulation achieved by on/off keying
❐ AFC option for extended input frequency acceptance range
❐ Surface mount package LQFP32

Application Examples
❐ General bi-directional half duplex digital data transmission or analog signal transmission
❐ Low-power telemetry
❐ Alarm and security systems
❐ Keyless car and central locking
❐ Domotics
❐ Model control




Similar Part No. - TH7120

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TH7121 ETC1-TH7121 Datasheet
710Kb / 28P
300 to 930MHz FSK/FM/ASK Transceiver
logo
Melexis Microelectronic...
TH7122 MELEXIS-TH7122 Datasheet
872Kb / 44P
27 to 930MHz FSK/FM/ASK Transceiver
TH71221 MELEXIS-TH71221 Datasheet
905Kb / 44P
27 to 930MHz FSK/FM/ASK Transceiver
TH71221 MELEXIS-TH71221 Datasheet
2Mb / 44P
FSK/FM/ASK Transceiver
TH71221ELQ MELEXIS-TH71221ELQ Datasheet
905Kb / 44P
27 to 930MHz FSK/FM/ASK Transceiver
More results


Similar Description - TH7120

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TH71101 ETC-TH71101 Datasheet
656Kb / 20P
FSK/FM/ASK Receiver
TH7121 ETC1-TH7121 Datasheet
710Kb / 28P
300 to 930MHz FSK/FM/ASK Transceiver
logo
Melexis Microelectronic...
TH7122 MELEXIS-TH7122 Datasheet
872Kb / 44P
27 to 930MHz FSK/FM/ASK Transceiver
MLX71120 MELEXIS-MLX71120 Datasheet
707Kb / 30P
300 to 930MHz FSK/FM/ASK Receiver
MLX71121 MELEXIS-MLX71121 Datasheet
665Kb / 28P
300 to 930MHz FSK/FM/ASK Receiver
MLX71122 MELEXIS-MLX71122 Datasheet
882Kb / 44P
300 to 930MHz FSK/FM/ASK Receiver
TH71221 MELEXIS-TH71221 Datasheet
905Kb / 44P
27 to 930MHz FSK/FM/ASK Transceiver
TH71221 MELEXIS-TH71221_15 Datasheet
2Mb / 44P
FSK/FM/ASK Transceiver
MLX71122 MELEXIS-MLX71122_16 Datasheet
2Mb / 59P
300 to 930MHz FSK/FM/ASK Receiver
MLX71120 MELEXIS-MLX71120_17 Datasheet
1Mb / 30P
300 to 930MHz FSK/FM/ASK Receiver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com