Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1S2236 Datasheet (PDF) - Toshiba Semiconductor

1S2236 Datasheet PDF - Toshiba Semiconductor
Part # 1S2236
Download  1S2236 Download
File Size   55.55 Kbytes
Page   2 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description SILICON EPITAXIAL PLANAR TYPE VARIABLE CAPACITANCE DIODE

1S2236 Datasheet (PDF)

Go To PDF Page Download Datasheet
1S2236 Datasheet PDF - Toshiba Semiconductor

Part # 1S2236
Download  1S2236 Click to download

File Size   55.55 Kbytes
Page   2 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description SILICON EPITAXIAL PLANAR TYPE VARIABLE CAPACITANCE DIODE

1S2236 Datasheet (HTML) - Toshiba Semiconductor


1S2236 Product details

AFC APPLICATION FOR FM RECEIVER.

FEATURES:
• High Q                        : Q=70(Min.) (f=50MHz)
• Low Reverse Current : IR=100nA(Max.) (VR=4V)




Similar Part No. - 1S2236

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1S223 TOSHIBA-1S223 Datasheet
157Kb / 1P
1W epoxy seal type
More results


Similar Description - 1S2236

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SV153 TOSHIBA-1SV153 Datasheet
35Kb / 1P
SILICON EPITAXIAL PLANAR TYPE VARIABLE CAPACITANCE DIODE
1SV100 TOSHIBA-1SV100 Datasheet
116Kb / 3P
SILICON EPITAXIAL PLANAR TYPE VARIABLE CAPACITANCE DIODE
1SV273 TOSHIBA-1SV273 Datasheet
173Kb / 2P
TOSHIBA VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR TYPE
1SV161 TOSHIBA-1SV161 Datasheet
38Kb / 1P
Silicon Epitaxial Planar Type Variable Capacitance Diode
1SV281TPH3F TOSHIBA-1SV281TPH3F Datasheet
151Kb / 3P
TOSHIBA Variable Capacitance Diode Silicon Epitaxial Planar Type
1SV239 TOSHIBA-1SV239_14 Datasheet
181Kb / 3P
TOSHIBA Variable Capacitance Diode Silicon Epitaxial Planar Type
1SV270 TOSHIBA-1SV270_14 Datasheet
308Kb / 3P
TOSHIBA Variable Capacitance Diode Silicon Epitaxial Planar Type
1SV277 TOSHIBA-1SV277_14 Datasheet
177Kb / 3P
TOSHIBA Variable Capacitance Diode Silicon Epitaxial Planar Type
1SV279 TOSHIBA-1SV279_14 Datasheet
170Kb / 3P
TOSHIBA Variable Capacitance Diode Silicon Epitaxial Planar Type
1SV285 TOSHIBA-1SV285_14 Datasheet
177Kb / 3P
TOSHIBA Variable Capacitance Diode Silicon Epitaxial Planar Type
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com