Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB1S Datasheet (PDF) - Sangdest Microelectronic (Nanjing) Co., Ltd

MB1S Datasheet PDF - Sangdest Microelectronic (Nanjing) Co., Ltd
Part # MB1S
Download  MB1S Download
File Size   164.26 Kbytes
Page   4 Pages
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd
Description Surge overload rating-30A peak

MB1S Datasheet (PDF)

Go To PDF Page Download Datasheet
MB1S Datasheet PDF - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # MB1S
Download  MB1S Click to download

File Size   164.26 Kbytes
Page   4 Pages
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd
Description Surge overload rating-30A peak

MB1S Datasheet (HTML) - Sangdest Microelectronic (Nanjing) Co., Ltd


MB1S Product details

Features:
• Glass passivated die construction
• Low leakage
• Ideal for printed circuit board
• Surge overload rating-30A peak
• Designed for Surface Mount Application
• Plastic Material-UL Flammability 94V-0




Similar Part No. - MB1S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MB1S FAIRCHILD-MB1S Datasheet
140Kb / 3P
0.5 Ampere Glass Passivated Bridge Rectifiers
logo
Micro Commercial Compon...
MB1S MCC-MB1S Datasheet
51Kb / 2P
0.5Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Compact Technology Corp...
MB1S CTC-MB1S Datasheet
50Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Micro Commercial Compon...
MB1S MCC-MB1S Datasheet
117Kb / 3P
0.5Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Shenzhen Ping Sheng Ele...
MB1S PFS-MB1S Datasheet
508Kb / 2P
Low Profile Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
More results


Similar Description - MB1S

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
KBPC10W LUGUANG-KBPC10W Datasheet
143Kb / 2P
Surge overload -240~500 Amperes peak
logo
Pulse A Technitrol Comp...
H304 PULSE-H304 Datasheet
832Kb / 4P
RoHS peak reflow temperature rating 260C
logo
Kersemi Electronic Co.,...
MBR1010FCT KERSEMI-MBR1010FCT Datasheet
258Kb / 2P
Surge overload -240~500 amperes peak
logo
Sangdest Microelectroni...
KMB12S SMC-KMB12S Datasheet
137Kb / 4P
Surge Overload Rating to 30A Peak
SS22A SMC-SS22A Datasheet
264Kb / 5P
Surge Overload Rating to 50A Peak
logo
DIYI Electronic Technol...
KMB32F DYELEC-KMB32F Datasheet
1Mb / 2P
Surge Overload Rating to 80A Peak
S34L DYELEC-S34L Datasheet
1Mb / 2P
Surge Overload Rating to 80A Peak
logo
Amphenol Corporation
C-L17DM53744206C309 AMPHENOL-C-L17DM53744206C309 Datasheet
112Kb / 1P
current rating-20 to 30a
C-L17DM53745207C309 AMPHENOL-C-L17DM53745207C309 Datasheet
103Kb / 1P
current rating-20 to 30a
logo
Ningbo Tianbo Ganglian ...
TRS TIANBO-TRS Datasheet
1Mb / 3P
30A 16VDC switching rating
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com