Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB3773 Datasheet (PDF) - Cypress Semiconductor

MB3773 Datasheet PDF - Cypress Semiconductor
Part # MB3773
Download  MB3773 Download
File Size   695.28 Kbytes
Page   31 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description Power Supply Monitor with Watch-Dog Timer

MB3773 Datasheet (PDF)

Go To PDF Page Download Datasheet
MB3773 Datasheet PDF - Cypress Semiconductor

Part # MB3773
Download  MB3773 Click to download

File Size   695.28 Kbytes
Page   31 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description Power Supply Monitor with Watch-Dog Timer

MB3773 Datasheet (HTML) - Cypress Semiconductor


MB3773 Product details

MB3773 generates the reset signal to protect an arbitrary system when the power-supply voltage momentarily is intercepted or decreased. It is IC for the power-supply voltage watch and “Power on reset” is generated at the normal return of the power supply. MB3773 sends the microprocessor the reset signal when decreasing more than the voltage, which the power supply of the system specified, and the computer data is protected from an accidental deletion.
In addition, the watch-dog timer for the operation diagnosis of the system is built into, and various microprocessor systems can provide the fail-safe function. If MB3773 does not receive the clock pulse from the processor for a specified period, MB3773 generates the reset signal.

Features
■ Precision voltage detection (VS = 4.2 V ± 2.5%)
■ Detection threshold voltage has hysteresis function
■ Low voltage output for reset signal (VCC = 0.8 V Typ)
■ Precision reference voltage output (VR = 1.245 V ± 1.5%)
■ With built-in watch-dog timer of edge trigger input.
■ External parts are few.(1 piece in capacity)
■ The reset signal outputs the positive and negative both theories reason.
■ One type of package (SOP-8pin : 1 type)

Application
■ Industrial Equipment
■ Arcade Amusement etc.




Similar Part No. - MB3773

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB3773 FUJITSU-MB3773 Datasheet
601Kb / 29P
Power Supply Monitor with Watch-Dog Timer
More results


Similar Description - MB3773

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8510 AME-AME8510 Datasheet
65Kb / 10P
Micropower uP Watch Dog Timer
logo
fujitsu semiconductor
MB3773 FUJITSU-MB3773 Datasheet
601Kb / 29P
Power Supply Monitor with Watch-Dog Timer
logo
Linear Technology
LTC2900 LINER-LTC2900 Datasheet
199Kb / 16P
Programmable Quad Supply Monitor with Adjustable Reset Timer
logo
Analog Microelectronics
AME8510 AME-AME8510 Datasheet
183Kb / 13P
Micropower UP Watch Dog Timer
logo
Mitsumi Electronics, Co...
MM1099 MITSUMI-MM1099 Datasheet
171Kb / 7P
System Reset (Built-in Watch Dog Timer)
logo
Linear Integrated Syste...
LTC2902 LINEAR-LTC2902 Datasheet
176Kb / 16P
Programmable Quad Supply Monitor with Adjustable Reset Timer and Supply Tolerance
logo
Linear Technology
LTC2902 LINER-LTC2902 Datasheet
179Kb / 16P
Programmable Quad Supply Monitor with Adjustable Reset Timer and Supply Tolerance
LTC2900 LINER-LTC2900_15 Datasheet
210Kb / 16P
Programmable Quad Supply Monitor with Adjustable Reset Timer
logo
Rohm
BD39001EKV-C ROHM-BD39001EKV-C Datasheet
1Mb / 56P
Buck-Boost Switching Regulator Watch Dog Timer
BD39002EFV-C ROHM-BD39002EFV-C Datasheet
1Mb / 47P
Buck-Boost Switching Regulator Watch Dog Timer
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com