Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IM830B Datasheet (PDF) - MMD Components

IM830B Datasheet PDF - MMD Components
Part # IM830B
Download  IM830B Download
File Size   734.74 Kbytes
Page   9 Pages
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components
Description MEMS Oscillator, -55째C to 125째C, LVCMOS/HCMOS Compatible, 1.000 MHz to 110.000MHz

IM830B Datasheet (PDF)

Go To PDF Page Download Datasheet
IM830B Datasheet PDF - MMD Components

Part # IM830B
Download  IM830B Click to download

File Size   734.74 Kbytes
Page   9 Pages
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components
Description MEMS Oscillator, -55째C to 125째C, LVCMOS/HCMOS Compatible, 1.000 MHz to 110.000MHz

IM830B Datasheet (HTML) - MMD Components




Similar Part No. - IM830B

ManufacturerPart #DatasheetDescription
logo
ILSI America LLC
IM830B ILSI-IM830B Datasheet
734Kb / 9P
Pb-free, RoHS and REACH compliant
More results


Similar Description - IM830B

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
SMHF282R5S INTERPOINT-SMHF282R5S Datasheet
591Kb / 15P
Fully qualified to Class H or K -55째C to 125째C operation 16 to 40 VDC input
logo
Microsemi Corporation
JANTX1N6761UR-1 MICROSEMI-JANTX1N6761UR-1 Datasheet
45Kb / 2P
Operating Temperature: -55째C to 125째C, Storage Temperature: -55째C to 150째C
logo
Dielectric Laboratories...
B148QF0S DILABS-B148QF0S Datasheet
370Kb / 3P
Frequency Stable over Temperature -55째C to 125째C
logo
MMD Components
IM801B MMD-IM801B Datasheet
623Kb / 9P
MEMS Oscillator, Low Power, LVCMOS/HCMOS Compatible, 1.000 MHz to 110.000 MHz
IM802B MMD-IM802B Datasheet
781Kb / 9P
MEMS Oscillator, Low Power, LVCMOS/HCMOS Compatible, 115.000 MHz to 137.000 MHz
IM810B MMD-IM810B Datasheet
521Kb / 8P
MEMS Oscillator, Ultra Performance, LVCMOS/HCMOS Compatible, 1.00 MHz to 80.00 MHz
IM811B MMD-IM811B Datasheet
540Kb / 7P
MEMS Oscillator, Ultra Performance, High Freq., LVCMOS/ HCMOS Compatible, 80.0 MHz to 220.0MHz
IM831B MMD-IM831B Datasheet
644Kb / 9P
MEMS Oscillator, -55째C to 125째C, LVCMOS/HCMOS Compatible, 119.342001 MHz to 137.000MHz
IM840B MMD-IM840B Datasheet
414Kb / 7P
Mems Oscillator, High Performance Differential Oscillator, LVPECL and LVDS 1.000 MHz to 220.000MHz
logo
Amphenol Corporation
AT06-12SA AMPHENOL-AT06-12SA Datasheet
809Kb / 2P
CURRENT RATING: 13 AMPS OPERATING TEMPERATURE: -55째C TO 125째C
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com