Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPAN65R650CE Datasheet (PDF) - Infineon Technologies AG

IPAN65R650CE Datasheet PDF - Infineon Technologies AG
Part # IPAN65R650CE
Download  IPAN65R650CE Download
File Size   1009.66 Kbytes
Page   14 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 650V CoolMOS CE Power Transistor

IPAN65R650CE Datasheet (PDF)

Go To PDF Page Download Datasheet
IPAN65R650CE Datasheet PDF - Infineon Technologies AG

Part # IPAN65R650CE
Download  IPAN65R650CE Click to download

File Size   1009.66 Kbytes
Page   14 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 650V CoolMOS CE Power Transistor

IPAN65R650CE Datasheet (HTML) - Infineon Technologies AG


IPAN65R650CE Product details

Features
•ExtremelylowlossesduetoverylowFOMRdson*QgandEoss
•Veryhighcommutationruggedness
•Easytouse/drive
•Pb-freeplating,Halogenfreemoldcompound
•Qualifiedforstandardgradeapplications




Similar Part No. - IPAN65R650CE

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPAN60R125PFD7S INFINEON-IPAN60R125PFD7S Datasheet
1Mb / 14P
600V CoolMOS짧 PFD7 SJ Power Device
Rev.2.1,2019-11-29
IPAN60R180CM8 INFINEON-IPAN60R180CM8 Datasheet
1Mb / 14P
MOSFET 600V CoolMOSª CM8 Power Transistor
Rev. 2.1, 2024-03-21
IPAN60R180P7S INFINEON-IPAN60R180P7S Datasheet
727Kb / 14P
MOSFET 600V CoolMOS™ P7 Power Transistor
Rev. 2.0, 2018-07-09
IPAN60R210PFD7S INFINEON-IPAN60R210PFD7S Datasheet
1Mb / 14P
MOSFET 600V CoolMOSª PFD7 SJ Power Device
Rev. 2.1, 2019-11-29
IPAN60R280P7S INFINEON-IPAN60R280P7S Datasheet
1Mb / 14P
600V CoolMOS??P7 Power Transistor
Rev.2.0,2019-02-26
More results


Similar Description - IPAN65R650CE

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPI50R380CE INFINEON-IPI50R380CE Datasheet
2Mb / 17P
500V CoolMOS CE Power Transistor
Rev. 2.0, 2010-08-27
IPP50R380CE INFINEON-IPP50R380CE Datasheet
2Mb / 17P
500V CoolMOS CE Power Transistor
Rev. 2.0, 2010-08-27
IPS65R1K0CE INFINEON-IPS65R1K0CE Datasheet
1Mb / 15P
650V CoolMOS™ CE Power Transistor
Rev. 2.0, 2014-09-25
IPS65R1K5CE INFINEON-IPS65R1K5CE Datasheet
1Mb / 15P
650V CoolMOS™ CE Power Transistor
Rev. 2.0, 2014-09-25
IPA65R1K0CE INFINEON-IPA65R1K0CE Datasheet
996Kb / 15P
650V CoolMOS??CE Power Transistor
Rev.2.0,2016-02-19
IPA65R650CE INFINEON-IPA65R650CE_16 Datasheet
1Mb / 16P
650V CoolMOS??CE Power Transistor
2016-03-31
IPA65R400CE INFINEON-IPA65R400CE Datasheet
906Kb / 14P
650V CoolMOS??CE Power Transistor
Rev.2.0,2016-02-24
IPA65R1K5CE INFINEON-IPA65R1K5CE Datasheet
890Kb / 14P
650V CoolMOS??CE Power Transistor
Rev.2.0,2016-02-26
IPA60R1K5CE INFINEON-IPA60R1K5CE Datasheet
863Kb / 13P
600V CoolMOS??CE Power Transistor
Rev.2.0,2016-02-26
IPA60R1K0CE INFINEON-IPA60R1K0CE Datasheet
871Kb / 13P
600V CoolMOS??CE Power Transistor
Rev.2.0,2016-02-26
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com